Electronic Components Datasheet Search
  English  ▼

X  

PCF2119X Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF2119X
Description  LCD controllers/drivers Single-chip LCD controller and driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119X Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF2119X Datasheet HTML 9Page - NXP Semiconductors PCF2119X Datasheet HTML 10Page - NXP Semiconductors PCF2119X Datasheet HTML 11Page - NXP Semiconductors PCF2119X Datasheet HTML 12Page - NXP Semiconductors PCF2119X Datasheet HTML 13Page - NXP Semiconductors PCF2119X Datasheet HTML 14Page - NXP Semiconductors PCF2119X Datasheet HTML 15Page - NXP Semiconductors PCF2119X Datasheet HTML 16Page - NXP Semiconductors PCF2119X Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 14 April 2011
13 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
Von(RMS) and Voff(RMS) are properties of the display driver and are affected by the selection
of a, n (see Equation 3 to Equation 5) and the VLCD voltage.
Vlow and Vhigh are properties of the LCD liquid and can be provided by the module
manufacturer.
It is important to match the module properties to those of the driver in order to achieve
optimum performance.
8.6 LCD row and column drivers
The PCF2119x contains 18 row and 80 column drivers, which drive the appropriate LCD
bias voltages in sequence to the display in accordance with the data to be displayed. R17
and R18 drive the icon rows. Unused outputs should be left open.
The bias voltages and the timing are selected automatically when the number of lines in
the display is selected. Figure 4 to Figure 6 show typical waveforms.
Fig 3.
Electro-optical characteristic: relative transmission curve of the liquid
VRMS [V]
100 %
90 %
10 %
OFF
SEGMENT
GREY
SEGMENT
ON
SEGMENT
Vlow
Vhigh
001aam358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com