Electronic Components Datasheet Search
  English  ▼

X  

2N3799 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3799
Description  PNP, LOW NOISE AMPLIFIER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3799 Datasheet(HTML) 1 Page - Seme LAB

  2N3799 Datasheet HTML 1Page - Seme LAB 2N3799 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 4/95
LAB
SEME
2N3799
PNP, LOW NOISE
AMPLIFIER
TRANSISTOR
FEATURES
• SILICON PLANAR EPITAXIAL PNP
TRANSISTOR
• CECC SCREENING OPTIONS
• LOW NOISE AMPLIFIER
APPLICATIONS:
• Low Level Amplifier
• Instrumentation Amplifiers
• General Purpose
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IB = 0)
IC
Collector Current
PD
Total Device Dissipation @ TA = 25°C
Derate above 25°C
PD
Total Device Dissipation @ TC = 25°C
Derate above 25°C
TJ , TSTG
Operating and Storage Junction Temperature Range
RqJA
Thermal Resistance Junction to Ambient
RqJC
Thermal Resistance Junction to Case
–60V
–60V
–5V
–50mA
360mW
2.06mW / °C
1.2W
6.86mW / °C
–65 to +200°C
0.49°C/mW
0.15°C/mW
MECHANICAL DATA
Dimensions in mm (inches)
TO–18 METAL PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
PIN 1 – Emitter
Underside View
PIN 2 – Base
PIN 3 – Collector
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Similar Part No. - 2N3799

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3799 SEMICOA-2N3799 Datasheet
30Kb / 1P
Chip Type 2C2605 Geometry 0220 Polarity NPN
logo
New Jersey Semi-Conduct...
2N3799 NJSEMI-2N3799 Datasheet
262Kb / 2P
PNP SILICON ANNULAR TRANSISTORS
logo
Central Semiconductor C...
2N3799 CENTRAL-2N3799 Datasheet
117Kb / 2P
PNP SILICON TRANSISTOR JEDEC TO-18 CASE
2N3799 CENTRAL-2N3799 Datasheet
296Kb / 2P
SILICON PNP TRANSISTORS
logo
Silicon Supplies
2N3799 SS-2N3799 Datasheet
256Kb / 3P
PNP Transistor Bare Die
More results

Similar Description - 2N3799

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3799X SEME-LAB-2N3799X Datasheet
16Kb / 2P
PNP, LOW NOISE AMPLIFIER TRANSISTOR
logo
KEC(Korea Electronics)
KTA1266L KEC-KTA1266L Datasheet
128Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA1267L KEC-KTA1267L Datasheet
308Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA1517 KEC-KTA1517 Datasheet
529Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA2017 KEC-KTA2017 Datasheet
231Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
logo
Central Semiconductor C...
CP588 CENTRAL-CP588 Datasheet
209Kb / 2P
Small Signal Transistor PNP - Low Noise Amplifier Transistor Chip
CP588 CENTRAL-CP588_06 Datasheet
651Kb / 2P
Small Signal Transistor PNP - Low Noise Amplifier Transistor Chip
CP788X CENTRAL-CP788X Datasheet
705Kb / 2P
Small Signal Transistor PNP - Low Noise Amplifier Transistor Chip
CP767V CENTRAL-CP767V Datasheet
396Kb / 2P
Small Signal Transistor PNP - Low Noise Amplifier Transistor Chip
CP588V CENTRAL-CP588V Datasheet
397Kb / 2P
Small Signal Transistor PNP - Low Noise Amplifier Transistor Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com