Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005AELD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PMEG2005AELD
Description  20 V, 0.5 A low VF MEGA Schottky barrier rectifier Solderable side pads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2005AELD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PMEG2005AELD Datasheet HTML 6Page - NXP Semiconductors PMEG2005AELD Datasheet HTML 7Page - NXP Semiconductors PMEG2005AELD Datasheet HTML 8Page - NXP Semiconductors PMEG2005AELD Datasheet HTML 9Page - NXP Semiconductors PMEG2005AELD Datasheet HTML 10Page - NXP Semiconductors PMEG2005AELD Datasheet HTML 11Page - NXP Semiconductors PMEG2005AELD Datasheet HTML 12Page - NXP Semiconductors PMEG2005AELD Datasheet HTML 13Page - NXP Semiconductors PMEG2005AELD Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PMEG2005AELD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 May 2011
13 of 14
NXP Semiconductors
PMEG2005AELD
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Quick reference data — The Quick reference data is an extract of the
product data given in the Limiting values and Characteristics sections of this
document, and as such is not complete, exhaustive or legally binding.
13.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
14. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com