Electronic Components Datasheet Search
  English  ▼

X  

2N4033 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N4033
Description  HIGH SPEED MEDIUM VOLTAGE SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4033 Datasheet(HTML) 1 Page - Seme LAB

  2N4033 Datasheet HTML 1Page - Seme LAB 2N4033 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The 2N4033 is a silicon expitaxial planar
PNP transistors in jedec TO-39 metal case
intended for use in switching applications.
ABSOLUTE MAXIMUM RATINGS Tcase = 25°c unless otherwise stated
2N4033
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
Prelim. 1/99
HIGH SPEED
MEDIUM VOLTAGE
SWITCH
VCEO
Collector – Emitter Voltage
VCBO
Collector – Base Voltage
VEBO
Emitter – Base Voltage
IC
Continuous Collector Current
PD
Total Device Dissipation at TA = 25°C
Derate above 25°C
PD
Total Device Dissipation at TC = 25°C
Derate above 25°C
Tstg
Operating and Storage Temperature Range
-80V
-80V
-5V
-1A
0.8W
4.56 mW/°C
4W
22.8mW/°C
–65 to +200°C
MECHANICAL DATA
Dimensions in mm (inches)
0. 89
(0. 035)
max .
0.6 6 (0. 026)
1.1 4 (0. 045)
0.7 1 (0. 028)
0.8 6 (0. 034)
2. 54
(0 .10 0)
5.0 8 (0. 200)
typ.
45 ˚
12.70
(0 .50 0)
min .
4.1 9 (0. 165)
4.9 5 (0. 195)
8.8 9 (0.3 5)
9.4 0 (0.3 7)
7.7 5 (0. 305)
8.5 1 (0. 335)
7.7 5 (0. 305)
8.5 1 (0. 335)
di a.
1
2
3
TO-39
Pin 1 – Emitter
Pin 2 – Base
Pin 3 – Collector


Similar Part No. - 2N4033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N4033 STMICROELECTRONICS-2N4033 Datasheet
62Kb / 6P
GENERAL PURPOSE AMPLIFIER AND SWITCH
Nov-1997
logo
Semicoa Semiconductor
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
Type 2N4033 Geometry 6700 Polarity PNP
logo
Siemens Semiconductor G...
2N4033 SIEMENS-2N4033 Datasheet
139Kb / 5P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4033 BOCA-2N4033 Datasheet
52Kb / 2P
GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N4033 MICROSEMI-2N4033 Datasheet
489Kb / 2P
PNP BIPOLAR TRANSISTOR
More results

Similar Description - 2N4033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N4036 STMICROELECTRONICS-2N4036 Datasheet
62Kb / 5P
MEDIUM-SPEED SWITCH
Oct-1988
logo
Seme LAB
2N5152 SEME-LAB-2N5152 Datasheet
24Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5322 SEME-LAB-2N5322 Datasheet
19Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5151-220M SEME-LAB-2N5151-220M Datasheet
26Kb / 3P
HIGH SPEED MEDIUM VOLTAGE
2N5154X-220M SEME-LAB-2N5154X-220M Datasheet
26Kb / 2P
HIGH SPEED MEDIUM VOLTAGE
2N5154XSMD SEME-LAB-2N5154XSMD Datasheet
23Kb / 2P
HIGH SPEED MEDIUM VOLTAGE
2N5154XSMD05 SEME-LAB-2N5154XSMD05 Datasheet
21Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N5154XX SEME-LAB-2N5154XX Datasheet
21Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N4033 SEME-LAB-2N4033_01 Datasheet
42Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N5151 SEME-LAB-2N5151_01 Datasheet
48Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com