Electronic Components Datasheet Search
  English  ▼

X  

2N4033CSM4 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N4033CSM4
Description  HIGH SPEED PNP MEDIUM VOLTAGE TRANSISTOR IN A CERAMIC SURFACE MOUNT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4033CSM4 Datasheet(HTML) 1 Page - Seme LAB

  2N4033CSM4 Datasheet HTML 1Page - Seme LAB 2N4033CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS Tcase = 25°c unless otherwise stated
2N4033CSM4
Prelim. 02/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCEO
Collector – Emitter Voltage
VCBO
Collector – Base Voltage
VEBO
Emitter – Base Voltage
IC
Continuous Collector Current
PD
Total Device Dissipation at TA = 25°C
Derate above 25°C
Tstg
Operating and Storage Temperature Range
-80V
-80V
-5V
-1A
400mW
2.28 mW/°C
–55 to +200°C
MECHANICAL DATA
Dimensions in mm (inches)
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
HIGH SPEED PNP
MEDIUM VOLTAGE TRANSISTOR IN A
CERAMIC SURFACE MOUNT PACKAGE
FEATURES
• CERAMIC SURFACE MOUNT HERMETIC
PACKAGE
• LOW WEIGHT
• SMALL FOOTPRINT
• SCREENING OPTIONS AVAILABLE
LCC3 PACKAGE
Underside View
PAD 1 – Collector
PAD 2 – N/C
PAD 3 – Emitter
PAD 4 – Base


Similar Part No. - 2N4033CSM4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N4033 STMICROELECTRONICS-2N4033 Datasheet
62Kb / 6P
GENERAL PURPOSE AMPLIFIER AND SWITCH
Nov-1997
logo
Seme LAB
2N4033 SEME-LAB-2N4033 Datasheet
14Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
logo
Semicoa Semiconductor
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
Type 2N4033 Geometry 6700 Polarity PNP
logo
Siemens Semiconductor G...
2N4033 SIEMENS-2N4033 Datasheet
139Kb / 5P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4033 BOCA-2N4033 Datasheet
52Kb / 2P
GENERAL PURPOSE TRANSISTOR (PNP SILICON)
More results

Similar Description - 2N4033CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2369ADCSM SEME-LAB-2N2369ADCSM Datasheet
17Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
2N2894ACSM SEME-LAB-2N2894ACSM Datasheet
15Kb / 2P
HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2894CSM SEME-LAB-2N2894CSM Datasheet
16Kb / 2P
HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2894DCSM SEME-LAB-2N2894DCSM Datasheet
16Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
2N2907ACSM SEME-LAB-2N2907ACSM Datasheet
16Kb / 2P
HIGH SPEED, MEDIUM POWER, PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2907ADCSM SEME-LAB-2N2907ADCSM Datasheet
41Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3209DCSM SEME-LAB-2N3209DCSM Datasheet
16Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
2N2369ADCSM SEME-LAB-2N2369ADCSM_03 Datasheet
21Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
2N2894ACSM SEME-LAB-2N2894ACSM_08 Datasheet
40Kb / 2P
HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2894DCSM SEME-LAB-2N2894DCSM_03 Datasheet
21Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com