Electronic Components Datasheet Search
  English  ▼

X  

2N4392 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N4392
Description  JFET SWITCHING N CHANNEL- DEPLETION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4392 Datasheet(HTML) 2 Page - Seme LAB

  2N4392 Datasheet HTML 1Page - Seme LAB 2N4392 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IG = 1.0mA
VDS = 0
VGS = 20V
VDS = 0
VGS = 20V
VDS = 0
TA = 150°C
VDS = 20V
ID = 1.0nA
IG = 1.0mA
VDS = 0
VGS = 7V
VDS = 20V
VGS = 7V
VDS = 20V
TA = 150°C
VGS = 0V
VDS = 20V
ID = 6mA
VGS = 0
ID = 1.0mA
VGS = 0
VGS = 0V
VDS = 20V
f = 1.0MHz
VGS = 7V
VDS = 0V
f = 1.0MHz
VGS = 0V
ID = 0
f = 1.0kHz
ID(on) = 6mA
VGS(on) = 7V
ID(on) = 6mA
VGS(off) = 7V
40
0.1
0.2
-0.2
-5
1.0
0.1
0.2
25
75
0.4
60
14
3.5
60
15
35
5.0
20
OFF CHARACTERISTICS
Prelim. 5/99
2N4392
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
1) Pulse test : Pulse Width < 100
ms ,Duty Cycle < 2%
2) ft is defined as the frequency at which |hfe| extrapolates to untity.
ON CHARACTERISTICS
SWITCHING CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
V
nA
mA
V
V
nA
mA
mA
V
W
pF
W
ns
V(BR)GSS
Gate Source Breakdown Voltage1
IGSS
Gate Reverse Current
VGS
Gate Source Voltage
VGS(f)
Gate Source Forward Voltage
ID(off)
Drain
Cut-off Current
IDSS
Zero Gate voltage Drain Current1
VDS(on)
Drain Source On–Voltage
rDS(on)
Static Drain Source On Resistance
Ciss
Input Capacitance
Crss
Reverse Transfer Capacitance
rds(on)
Drain–Source “ON” Resistance
ton
Turn–On Time
toff
Turn–Off Time
tr
RiseTime
tf
FallTime



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com