Electronic Components Datasheet Search
  English  ▼

X  

DX19R Datasheet(PDF) 1 Page - GREATECS

Part # DX19R
Description  Single In Line DIP Switches (SIP Switches)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX19R Datasheet(HTML) 1 Page - GREATECS

  DX19R Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIP Switches
Single In Line DIP Switches (SIP Switches)
DX19 Series
DX19R_
Right Angle Terminals
DX19
How to order:
1
2
3
sales@greatecs.com
www.greatecs.com
S
R
02
04
06
08
10
TYPE OF TERMINALS:
Straight Terminal
Right Angle Terminal
NO. OF POSITIONS:
2 Positions
4 Positions
6 Positions
8 Positions
10 Positions
TB
PACKAGE STYLE:
Tube
1
2
3
General Tolerance:±0.2mm
General Tolerance :±0.2mm
DX19_10
DX19_08
DX19_06
Dx19_04
DX19_02
MATERIALS
» Cover: UL 94V-0 Nylon High-Temp Thermoplastic Black
» Base: UL 94V-0 PBT or Nylon High-Temp Thermoplastic Black
» Actuator: UL 94V-0 Nylon Thermoplastic White
» Contact: Alloy Copper with gold plated
» Terminal: Brass with tin plated
MECHANICAL
» Mechanical Life: 500 cycles
» Operation Force: 800 gf
» Operation Temperature: -30°C to +80°C
» Storage Temperature: -30°C to +80°C
ELECTRICAL
» Electrical Life: 500 cycles
» Non-Switching Rating: 100mA, 50VDC
» Switching Rating: 10mA, 5VDC
» Circuit: Single pole single throw
SOLDERING PROCESSES
» Wave Soldering: Recommended solder temperature at 260°C
max. 5 seconds.
» Contact Resistance at current 100mA:
100m
max. at initial, 200m
max. after life test
» Insulation Resistance: 100M
min. 500VDC
» Hand Soldering: Use a soldering iron of 30 watts, controlled at 350°C
approximately max 5 seconds while applying solder.
Dimention A & B:
Tube Dimention:
General Specifications:
Schematic (Typ.):
Packing Unit:
DX19S02TB: 62/tube DX19R02TB: 56/tube
DX19S04TB: 37/tube DX19R04TB: 35/tube
DX19S06TB: 27/tube DX19R06TB: 25/tube
DX19S08TB: 20/tube DX19R08TB: 20/tube
DX19S10TB: 17/tube DX19R10TB: 16/tube
DX19S_
Straight Terminals


Similar Part No. - DX19R

ManufacturerPart #DatasheetDescription
logo
GREATECS
DX1 GREATECS-DX1 Datasheet
315Kb / 1P
SPST Standard DIP Switches
logo
Hirose Electric
DX10-100P-CP3 HIROSE-DX10-100P-CP3 Datasheet
1Mb / 9P
DX SERIES HIGH-DENSITY I/O CONNECTORS
DX10-100P-CR2A HIROSE-DX10-100P-CR2A Datasheet
1Mb / 9P
DX SERIES HIGH-DENSITY I/O CONNECTORS
DX10-100P-CR3 HIROSE-DX10-100P-CR3 Datasheet
1Mb / 9P
DX SERIES HIGH-DENSITY I/O CONNECTORS
DX10-100P-LNA HIROSE-DX10-100P-LNA Datasheet
1Mb / 9P
DX SERIES HIGH-DENSITY I/O CONNECTORS
More results

Similar Description - DX19R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SP02B ITT-SP02B Datasheet
160Kb / 2P
Single In-line Package Switches
logo
C&K Components
SPA CK-COMPONENTS-SPA Datasheet
145Kb / 2P
Single In-line Package Switches
logo
Tyco Electronics
4-435626-4 MACOM-4-435626-4 Datasheet
6Mb / 326P
DIP Switches
MPA206N MACOM-MPA206N Datasheet
6Mb / 326P
DIP Switches
4-5435166-9 MACOM-4-5435166-9 Datasheet
140Kb / 7P
Dual In- Line Package (DIP) Programming Switches
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
7000 MACOM-7000 Datasheet
257Kb / 6P
DIP Switches
logo
C&K Components
SP CK-COMPONENTS-SP Datasheet
166Kb / 2P
Single In-line Package Switches
2006
SPA CK-COMPONENTS-SPA_V01 Datasheet
196Kb / 2P
Single In-line Package Switches
26 Aug 20
logo
CTS Corporation
CT2062-ND CTS-CT2062-ND Datasheet
328Kb / 1P
DIP Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com