Electronic Components Datasheet Search
  English  ▼

X  

DX48H Datasheet(PDF) 1 Page - GREATECS

Part # DX48H
Description  SMT Half Pitch Type Halogen-Free DIP Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX48H Datasheet(HTML) 1 Page - GREATECS

  DX48H Datasheet HTML 1Page - GREATECS DX48H Datasheet HTML 2Page - GREATECS DX48H Datasheet HTML 3Page - GREATECS DX48H Datasheet HTML 4Page - GREATECS DX48H Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIP Switches
SMT Half Pitch Type Halogen-Free DIP Switches
DX48H Series
DX48H
How to order:
Material:
1
2
3
4
5
sales@greatecs.com
www.greatecs.com
L
S
02
04
06
08
10
TERMINAL LENGTH:
8.1 mm
6.7 mm
NO. OF POSITIONS:
2 Positions
4 Positions
6 Positions
8 Positions
10 Positions
N
T
TB
TR
SEAL:
Regular (Standard)
Top Tape Sealed
PACKAGE STYLE:
Tube
Tape & Reel
1
2
4
5
1
F
O
ACTUATOR POSITION:
In OFF Position (Standard)
In ON Position
3
2
CODE OF
02
04
06
08
10
Item Description Materials
Treatment
1
Cover
High-Temp.
Thermoplastic
Molded Black
LCP
2
Actuator
High-Temp.
Thermoplastic
Molded White
LCP
3
Contact
Phosphor Bronze
Gold Plated
4
Terminal
Brass
Gold Plated
5
Base
High-Temp.
Thermoplastic
Molded Black
LCP
6
Tape
Katpon
PCB LAYOUT
PCB LAYOUT
DX48HL...
Terminal Length 8.1mm
DX48HS...
Terminal Length 6.7mm
Note:
> General Tolerance: +/-0.2mm
> Unit in mm and inch (bracketed)
Br < 900 ppm
Cl < 900 ppm
Br+Cl < 1500 ppm


Similar Part No. - DX48H

ManufacturerPart #DatasheetDescription
logo
GREATECS
DX48 GREATECS-DX48 Datasheet
182Kb / 5P
SMT Half Pitch Type DIP Switches
DX48L GREATECS-DX48L Datasheet
182Kb / 5P
SMT Half Pitch Type DIP Switches
DX48S GREATECS-DX48S Datasheet
182Kb / 5P
SMT Half Pitch Type DIP Switches
More results

Similar Description - DX48H

ManufacturerPart #DatasheetDescription
logo
GREATECS
DX48 GREATECS-DX48 Datasheet
182Kb / 5P
SMT Half Pitch Type DIP Switches
TP38H GREATECS-TP38H Datasheet
219Kb / 7P
6x6 mm SMT Halogen-Free Tactile Switches
TP89 GREATECS-TP89 Datasheet
225Kb / 3P
5x5mm SMT Halogen-Free Tactile Switches
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
Omron Electronics LLC
A6HF OMRON-A6HF Datasheet
230Kb / 2P
Slide DIP Switch (SMT Half-pitch)
A6HR OMRON-A6HR Datasheet
230Kb / 2P
Piano DIP Switch (SMT Half-pitch)
logo
E-SWITCH
KAN E-SWITCH-KAN Datasheet
818Kb / 2P
HALF-PITCH LOW PROFILE DIP SWITCHES
logo
Grayhill, Inc
97C06SR GRAYHILL-97C06SR Datasheet
47Kb / 1P
Half Pitch DIP Switches
97C08ST GRAYHILL-97C08ST Datasheet
110Kb / 1P
Half Pitch DIP Switches
logo
E-SWITCH
KAD E-SWITCH-KAD Datasheet
408Kb / 1P
DIP SWITCHES - HALF PITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com