Electronic Components Datasheet Search
  English  ▼

X  

DX62 Datasheet(PDF) 1 Page - GREATECS

Part # DX62
Description  DIP Switch Half Pitch SMT for Highest Reliability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX62 Datasheet(HTML) 1 Page - GREATECS

  DX62 Datasheet HTML 1Page - GREATECS DX62 Datasheet HTML 2Page - GREATECS DX62 Datasheet HTML 3Page - GREATECS DX62 Datasheet HTML 4Page - GREATECS DX62 Datasheet HTML 5Page - GREATECS DX62 Datasheet HTML 6Page - GREATECS DX62 Datasheet HTML 7Page - GREATECS DX62 Datasheet HTML 8Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIP Switches
DIP Switch Half Pitch SMT for Highest Reliability
DX62 Series
DX62
How to order:
1
2
3
sales@greatecs.com
www.greatecs.com
04
06
08
10
NO. OF POSITIONS:
4 Positions
6 Positions
8 Positions
10 Positions
TR
PACKAGE STYLE:
Tape and Reel
1
3
1
T
TAPE SEALING:
Top Tape Sealed (Standard)
2
Material:
Part Name
Material
quantity
Treatment
1
Cover
P. P. S.
1
Black Color
3
Slide
Polyamide
1xPole
Yellow Color
5
Moving
Contact
2
Base
P. P. S.
1
Black Color
(0.2μmAu average)
* The switch is 100% machine inspection.
* The plating process is electrolytic plating.
10
14.43
11.43
08
11.89
8.89
06
9.35
6.35
04
6.81
3.81
PO Dim.A
Dim.B
UNIT: mm
4
Terminal
Cupper Alloy
2xPole
Gold over Nickel
(0.2μmAu average)
BeCu Alloy
1xPole
Gold over Nickel
6
Tape
Polyimide
1
GENERAL TOLERANCE:
+/- 0.3 mm
no code
Without Top Tape
RoHS Compliant


Similar Part No. - DX62

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DX6R3E-02 TELEDYNE-DX6R3E-02 Datasheet
73Kb / 2P
3A to 220 Vdc DIN Rail Relay, AC/DC Control
logo
Willow Technologies Ltd
DX6R3E-02 WILLOW-DX6R3E-02 Datasheet
192Kb / 2P
DIN Rail Relay AC/DC Control
logo
Teledyne Technologies I...
DX6R3U-02 TELEDYNE-DX6R3U-02 Datasheet
73Kb / 2P
3A to 220 Vdc DIN Rail Relay, AC/DC Control
logo
Willow Technologies Ltd
DX6R3U-02 WILLOW-DX6R3U-02 Datasheet
192Kb / 2P
DIN Rail Relay AC/DC Control
More results

Similar Description - DX62

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
218 CTS-218 Datasheet
101Kb / 2P
SMT half pitch DIP switch-Auto placeable
logo
Omron Electronics LLC
A6H-4101 OMRON-A6H-4101 Datasheet
207Kb / 2P
Half-pitch DIP Switch
logo
CTS Corporation
218 CTS-218_08 Datasheet
763Kb / 2P
SMT Half Pitch DIP Switch-Auto Placeable
logo
Omron Electronics LLC
A6H OMRON-A6H Datasheet
441Kb / 4P
Half-pitch DIP Switch
A6HF OMRON-A6HF Datasheet
230Kb / 2P
Slide DIP Switch (SMT Half-pitch)
A6HR OMRON-A6HR Datasheet
230Kb / 2P
Piano DIP Switch (SMT Half-pitch)
logo
CTS Corporation
218-8LPST CTS-218-8LPST Datasheet
324Kb / 2P
Half Pitch, SMD DIP Switch
218-02LPST CTS-218-02LPST Datasheet
324Kb / 2P
SMT Half Pitch DIP Switch?밃uto Placeable
218-2LPSTR CTS-218-2LPSTR Datasheet
324Kb / 2P
SMT Half Pitch DIP Switch?밃uto Placeable
218-2LPS CTS-218-2LPS Datasheet
1Mb / 6P
Half Pitch, SMD DIP Switch
2020-7-1 Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com