Electronic Components Datasheet Search
  English  ▼

X  

DX516S Datasheet(PDF) 1 Page - GREATECS

Part # DX516S
Description  End Stackable Piano Type DIP Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX516S Datasheet(HTML) 1 Page - GREATECS

  DX516S Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIP Switches
End Stackable Piano Type DIP Switch
DX516 Series
DX516T_ _ _ _ THT Terminals
DX516
How to order:
1
2
3
sales@greatecs.com
www.greatecs.com
S
T
02
04
06
08
10
TYPE OF TERMINALS:
SMT Terminals
THT Terminals
NO. OF POSITIONS:
2 Positions
4 Positions
6 Positions
8 Positions
10 Positions
TB
TR
PACKAGE STYLE:
Tube
Tape & Reel (only S.M.T)
1
3
5
General Tolerance:±0.2mm
General Tolerance :±0.2mm
DX516_10
DX516_08
DX516_06
DX516_04
DX516_02
MATERIALS:
» Cover: UL 94V-0 Nylon High-Temp Thermoplastic Black
» Base: UL 94V-0 Nylon High-Temp Thermoplastic Black
» Actuator: UL 94V-0 Nylon High-Temp Thermoplastic White
» Contact: Alloy Copper with gold cladding
» Terminal: Brass with gold cladding
MECHANICAL:
» Mechanical Life: 2,000 cycles
» Operation Force: 800 gf
» Operation Temperature: -20°C to +85°C
» Storage Temperature: -40°C to +85°C
ELECTRICAL:
» Electrical Life: 2,000 cycles
» Rating: 25mA, 24VDC
» Circuit: Single pole single throw
SOLDERING PROCESSES:
» Wave Soldering: Recommended solder temperature at 260°C
max. 5 seconds for THT type.
» Contact Resistance:100m
max,at 500VDC
» Insulation Resistance: 100M
max.,at 500VDC
» Hand Soldering: Use a soldering iron of 30 watts, controlled at 350°C
approximately max 5 seconds while applying solder.
Dimention A & B:
Tube Dimension:
General Specifications:
DX516S_ _ _ _ SMT Terminals
[0.024]
[0.100 TYP.]
[0.035]
[0.048]
1.22
2.54 TYP.
0.60
[A ± 0.002]
[0.031]
0.90
20
[0.386]
9.80
0.70
[0.028]
0.80
A± 0.05
B±0.10=2.54*(P-1)
2.54
[0.100]
1.10
[B±0.004=0.100*(P-1)]
[0.043]
DX516T_RC WITHOUT
DX516S_RC WITHOUT
6
8
4
10
PROD. NO. NO. OF
POS.
DIM. A
DIM. B
2
(2,4,6,8,10 POS AVAIL)
RA
RC
ACTUATOR TYPE
Raised Actuator
Recessed Actuator
2
1
0
ON/OFF-POSITION
Push Down ON (Standard)
Push Down OFF
4
4
5
» Dielectric Strength: 500VAC / 1 minute
» Reflow Soldering: When applying reflow soldering, the peak temperature
or the reflow oven should be set at 260°C max.
» Do not wash the switch except top tape sealed type, which suitable
for spray cleaning method from top of the s/w.
Reflow Temperature Proflie:
DX516_10
DX516_08
DX516_06
DX516_04
DX516_02
TAPE & REEL:
DX516_10
DX516_08
DX516_06
DX516_04
DX516_02
Packing Unit:
95
-
47
-
31
-
23
-
18
-
700
DX516S-02.
04.06.08.10
PROD.NO
NO.PER NO. PER
TUBE
REEL
DX516T
DX516S
Temperature
Room
150°
MAX 260°
60sec
120~150sec
TIME
255°
230°
5~10sec
(sec)
(2,4,6,8,10 POS AVAIL)
SCHEMATIC(TYP .)
SCHEMATIC(TYP .)
B±0.10=2.54*(P-1)


Similar Part No. - DX516S

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DX510 SYNOLOGY-DX510 Datasheet
663Kb / 1P
Synology DX510
DX513V3 SYNOLOGY-DX513V3 Datasheet
365Kb / 2P
Expansion Unit DX513
DX517 SYNOLOGY-DX517 Datasheet
795Kb / 3P
Expansion Unit DX517
More results

Similar Description - DX516S

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RP-02 DBLECTRO-RP-02 Datasheet
314Kb / 2P
PIANO TYPE DIP SWITCH
RPL-02 DBLECTRO-RPL-02 Datasheet
280Kb / 3P
Piano Type Dip Switch
logo
OEN India Limited
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
SLIDE&PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6SR OMRON-A6SR Datasheet
403Kb / 4P
DIP Switch (Piano Type)
A6TR OMRON-A6TR Datasheet
334Kb / 4P
DIP Switch (Piano Type)
logo
GREATECS
DX5 GREATECS-DX5 Datasheet
306Kb / 5P
End Stackable DIP Switches
logo
Omron Electronics LLC
A6HR OMRON-A6HR Datasheet
230Kb / 2P
Piano DIP Switch (SMT Half-pitch)
logo
E-SWITCH
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
PIANO DIP SWITCHES
logo
Adam Technologies, Inc.
SW-DP-XX-SPST-V-T-P-L ADAM-TECH-SW-DP-XX-SPST-V-T-P-L Datasheet
80Kb / 1P
PIANO TYPE DIP SWITCH
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com