Electronic Components Datasheet Search
  English  ▼

X  

EC7 Datasheet(PDF) 1 Page - GREATECS

Part # EC7
Description  12 mm Insulated Shaft Rotary Encoder with LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

EC7 Datasheet(HTML) 1 Page - GREATECS

  EC7 Datasheet HTML 1Page - GREATECS EC7 Datasheet HTML 2Page - GREATECS EC7 Datasheet HTML 3Page - GREATECS EC7 Datasheet HTML 4Page - GREATECS EC7 Datasheet HTML 5Page - GREATECS EC7 Datasheet HTML 6Page - GREATECS EC7 Datasheet HTML 7Page - GREATECS EC7 Datasheet HTML 8Page - GREATECS EC7 Datasheet HTML 9Page - GREATECS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Encoders
12 mm Insulated Shaft Rotary Encoder with LED
EC7 Series
EC7
How to order:
1
sales@greatecs.com
www.greatecs.com
1
2
SWITCH:
2
0
1
Without Switch (for single color)
With Switch (for dual colors)
Horizontal Type Flat Shaft
Vertical Type Knurled Shaft
3
LED COLOR (dual-
color if with switch):
1
C
D
F
G
Red
Orange
Green
Blue
5.0
7.0
2.9
5.0
A
C
B
13.2
2-2.0
5.0
A
C
B
3- 1.1
HOLES
0.9
DETAIL OF TERMINAL (5:1)
+0
-0.3
+0.1
-0
+0.2
-0
±0.1
7.3
0.5
(18.0)
25.0
2.8 (SW01)
(SW02)
MOUNTING SURFACE
4-0.8
2.0
1
2
3
4
1
2
3
4
(SW02)CIRCUIT DIAGRAM
4- 1.0
HOLES
+0.2
-0
LED COLOR:
RG
CODE
BO
TERMINAL
GREEN
RED
COLOR
ORANGE
BLUE
1
3
0.8
BG
GREEN
BLUE
1
2
1
3
1
2
1
3
1
2
6.0
P.W.B MOUNTING DETAIL
(TOLERANCE ±0.1)
VIEWED FROM MOUNTING SIDE
(P.C.B) t=1.5mm
3.1
4.5
B
2.1+0.1
-0
C
A
+0.2
-0
holes
Viewed from mounting side
Mounting hole detail
10
(8.2)
12.4
Detail of Terminal
0.8±0.1
GREEN
RED
BLUE
ORANGE
LED COLOR:
COLOR
R
G
O
B
CODE
P.C.B t=1.6mm
3- 1.1
(3:1)
+
2-2.5
3-2.0
A C B
4
3
2
1
Circuit Diagram
+0.2
-0
holes
4- 1.0
Switch travel
4
5
6
7
BUSHING (drawing1):
3
Blank
B
Without Bushing
(if with Switch)
With Bushing
(only if without Switch)
TYPE OF TERMINAL (drawing 2):
4
2
4
PC Board (horizontal)
PC Board (vertical)
SHAFT SHAPE (drawing 4):
6
K
F
Knurled Type with Length 25mm
Flat Type with different Length
( different length see page 2)
2
5.1
WITHIN THIS LENGTH
2.4
6
(5)
F
1.5
L
6.8
6+0
-0.05
0.8
PULSE AND DETENT:
7
N
D
24 Pulse none Detent
24 Pulse with 24 Detents
“LB“ Length (drawing 3):
5
Blank
A
C
5mm (Standard)
0.6mm (vertical type only)
1.5mm (vertical type only)
14.0
(8.2)
12.4


Similar Part No. - EC7

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC7 ECLIPTEK-EC7 Datasheet
126Kb / 3P
CRYSTAL
EC7-20-35.000M ECLIPTEK-EC7-20-35.000M Datasheet
126Kb / 3P
CRYSTAL
EC7-20-35000M ECLIPTEK-EC7-20-35000M Datasheet
126Kb / 3P
CRYSTAL
EC7-35.000M ECLIPTEK-EC7-35.000M Datasheet
126Kb / 3P
CRYSTAL
EC7-35000M ECLIPTEK-EC7-35000M Datasheet
126Kb / 3P
CRYSTAL
More results

Similar Description - EC7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
logo
Bourns Electronic Solut...
PEL12D BOURNS-PEL12D Datasheet
405Kb / 4P
12 mm Encoder with Switch and Illuminated Shaft
PEL12S BOURNS-PEL12S Datasheet
386Kb / 4P
12 mm Encoder with Illuminated Shaft
PEL12T BOURNS-PEL12T Datasheet
311Kb / 3P
12 mm Encoder with Switch and Illuminated Shaft
logo
Panasonic Semiconductor
EVUE20 PANASONIC-EVUE20 Datasheet
175Kb / 5P
9 mm Square Rotary Potentiometers with Insulated Shaft Audio Equipment
logo
Bourns Electronic Solut...
PEL12D-4021F-S1024 BOURNS-PEL12D-4021F-S1024 Datasheet
405Kb / 4P
12 mm Encoder with Switch and Illuminated Shaft
PEL12S-4020F-N1024 BOURNS-PEL12S-4020F-N1024 Datasheet
386Kb / 4P
12 mm Encoder with Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024 Datasheet
311Kb / 3P
12 mm Encoder with Switch and Illuminated Shaft
logo
Panasonic Semiconductor
EVU-F3MFL3B14 PANASONIC-EVU-F3MFL3B14 Datasheet
175Kb / 5P
9 mm Square Rotary Potentiometers with Insulated Shaft
logo
Bourns Electronic Solut...
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024_16 Datasheet
392Kb / 3P
12 mm Encoder with Switch and Illuminated Shaft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com