Electronic Components Datasheet Search
  English  ▼

X  

GPV16B Datasheet(PDF) 2 Page - GREATECS

Part # GPV16B
Description  16mm Size Metal Shaft DP Rotary Potentiometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

GPV16B Datasheet(HTML) 2 Page - GREATECS

  GPV16B Datasheet HTML 1Page - GREATECS GPV16B Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Potentiometers
Additional Informations for GPV16A & GPV16B Series
METAL SHIFT
sales@greatecs.com
www.greatecs.com
K-Type Metal Shift
S-Type Metal Shift
R-Type Metal Shift
F-Type Metal Shift
STANDARD RESISTANCE TAPER
A: 5 mm
Shaft Type
L
15
20
25
30
K
F1
6.5
11
14
14
T
6
10
12
12
M
1
2
4
4
F
F2
7
12
14
14
R, S
L
15
20
25
30
A: 6.5 mm
Shaft Type
L
15
20
25
30
K
F1
6.5
11
14
14
T
6
10
12
12
M
1
2
4
4
F
F2
7
12
14
14
R, S
L
15
20
25
30
A = Ø 7 mm
B = 6.5 mm
C = 1.4 mm
D = M7 x 0.75
B = 10 mm
H = 1.8 mm
d = Ø 7.1 mm
D = Ø 12 mm
Thickness = 0.4 mm
NUT (M7x0.75)
WASHER (M7)
NUT (M7x0.75)
O03
Potentiometers
Additional Informations for GPV16A & GPV16B Series
METAL SHIFT
sales@greatecs.com
www.greatecs.com
K-Type Metal Shift
S-Type Metal Shift
R-Type Metal Shift
F-Type Metal Shift
STANDARD RESISTANCE TAPER
K-TYPE
Not specified
Slotting angle
KQ (18 TEETH)
LQ (22TEETH)
MQ (24TEETH)
L
F1
T
M
S-TYPE
R-TYPE
F-TYPE
A: 5 mm
Shaft Type
L
15
20
25
30
K
F1
6.5
11
14
14
T
6
10
12
12
M
1
2
4
4
F
F2
7
12
14
14
R, S
L
15
20
25
30
A: 6.5 mm
Shaft Type
L
15
20
25
30
K
F1
6.5
11
14
14
T
6
10
12
12
M
1
2
4
4
F
F2
7
12
14
14
R, S
L
15
20
25
30
C
B
D
A = Ø 7 mm
B = 6.5 mm
C = 1.4 mm
D = M7 x 0.75
d
B = 10 mm
H = 1.8 mm
D
d
d = Ø 7.1 mm
D = Ø 12 mm
Thickness = 0.4 mm
NUT (M7x0.75)
WASHER (M7)
NUT (M7x0.75)
O03
Potentiometers
Additional Informations for GPV16A & GPV16B Series
METAL SHIFT
sales@greatecs.com
www.greatecs.com
K-Type Metal Shift
S-Type Metal Shift
R-Type Metal Shift
F-Type Metal Shift
STANDARD RESISTANCE TAPER
K-TYPE
Not specified
Slotting angle
KQ (18 TEETH)
LQ (22TEETH)
MQ (24TEETH)
L
F1
T
M
S-TYPE
R-TYPE
F-TYPE
A: 5 mm
Shaft Type
L
15
20
25
30
K
F1
6.5
11
14
14
T
6
10
12
12
M
1
2
4
4
F
F2
7
12
14
14
R, S
L
15
20
25
30
A: 6.5 mm
Shaft Type
L
15
20
25
30
K
F1
6.5
11
14
14
T
6
10
12
12
M
1
2
4
4
F
F2
7
12
14
14
R, S
L
15
20
25
30
C
B
D
A = Ø 7 mm
B = 6.5 mm
C = 1.4 mm
D = M7 x 0.75
d
B = 10 mm
H = 1.8 mm
D
d
d = Ø 7.1 mm
D = Ø 12 mm
Thickness = 0.4 mm
NUT (M7x0.75)
WASHER (M7)
NUT (M7x0.75)
O03
Potentiometers
Additional Informations for GPV16A & GPV16B Series
METAL SHIFT
sales@greatecs.com
www.greatecs.com
K-Type Metal Shift
S-Type Metal Shift
R-Type Metal Shift
F-Type Metal Shift
STANDARD RESISTANCE TAPER
K-TYPE
Not specified
Slotting angle
KQ (18 TEETH)
LQ (22TEETH)
MQ (24TEETH)
L
F1
T
M
S-TYPE
R-TYPE
F-TYPE
A: 5 mm
Shaft Type
L
15
20
25
30
K
F1
6.5
11
14
14
T
6
10
12
12
M
1
2
4
4
F
F2
7
12
14
14
R, S
L
15
20
25
30
A: 6.5 mm
Shaft Type
L
15
20
25
30
K
F1
6.5
11
14
14
T
6
10
12
12
M
1
2
4
4
F
F2
7
12
14
14
R, S
L
15
20
25
30
C
B
D
A = Ø 7 mm
B = 6.5 mm
C = 1.4 mm
D = M7 x 0.75
d
B = 10 mm
H = 1.8 mm
D
d
d = Ø 7.1 mm
D = Ø 12 mm
Thickness = 0.4 mm
NUT (M7x0.75)
WASHER (M7)
NUT (M7x0.75)
O03
Potentiometers
Additional Informations for GPV16A & GPV16B Series
METAL SHIFT
sales@greatecs.com
www.greatecs.com
K-Type Metal Shift
S-Type Metal Shift
R-Type Metal Shift
F-Type Metal Shift
STANDARD RESISTANCE TAPER
K-TYPE
Not specified
Slotting angle
KQ (18 TEETH)
LQ (22TEETH)
MQ (24TEETH)
L
F1
T
M
S-TYPE
R-TYPE
F-TYPE
A: 5 mm
Shaft Type
L
15
20
25
30
K
F1
6.5
11
14
14
T
6
10
12
12
M
1
2
4
4
F
F2
7
12
14
14
R, S
L
15
20
25
30
A: 6.5 mm
Shaft Type
L
15
20
25
30
K
F1
6.5
11
14
14
T
6
10
12
12
M
1
2
4
4
F
F2
7
12
14
14
R, S
L
15
20
25
30
C
B
D
A = Ø 7 mm
B = 6.5 mm
C = 1.4 mm
D = M7 x 0.75
d
B = 10 mm
H = 1.8 mm
D
d
d = Ø 7.1 mm
D = Ø 12 mm
Thickness = 0.4 mm
NUT (M7x0.75)
WASHER (M7)
NUT (M7x0.75)
O03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com