Electronic Components Datasheet Search
  English  ▼

X  

IS15 Datasheet(PDF) 2 Page - GREATECS

Part # IS15
Description  Compact Programmable LCD Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

IS15 Datasheet(HTML) 2 Page - GREATECS

  IS15 Datasheet HTML 1Page - GREATECS IS15 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LCD Switches
Compact Programmable LCD Switches
IS15 Series
sales@greatecs.com
www.greatecs.com
Circuit
SPST normally open
Electrical Capacity (Resistive Load)
100mA@12VDC
Contact Resistance
200 milliohms max. @ 20 mV 10mA
Insulation Resistance
100 megaohms min. @ 100VDC
Dielectric Strength
125VAC for 1 minute min.
Mechanical Endurance
1,000,000 operations min.
Electrical Endurance
1,000,000 operations min.
Operating Force
2.2 ± 0.5 Newtons
Total Travel
1.8mm
Operating Temperature Range
0°C ~ +40°
Storage Temperature Range
-10°C ~ +60°C
GENERAL SPECIFICATIONS OF SWITCH
GENERAL SPECIFICATIONS OF DISPLAY
Display Operation Mode
STN positive, FSTN positive
Display Condition
Transflective with built-in LED backlight
Viewing Angle
Adjustable
Driving Method
1/24 duty. 1/5 bias (built-in driving circuit)
Viewing Area
13.0mm x 10.7mm (horizontal x vertical)
Pixel Format
36 x 24 dots (horizontal x vertical)
Pixel Size
0.32mm x 0.32mm (horizontal x vertical)
Backlight LED
Single color: white
Bicolor: red/green, yellow/green
RGB: red/green/blue
TYPICAL SWITCH DIMENSIONS
Terminal numbers are not on the switch.
(6.35)
.250
(7.62)
.300
(15.0)
.591
(11.0)
.433
(1.0)
.039
Typ
(16.0)
.630
(6.15)
.242
(2.0)
.079
(0.3)
.012
(0.2)
.008
Typ
Typ
Stando 2
Stando 1
Stando 1
Stando 2
(2.2)
.087
(10.8)
.425
(12.2)
.480
(3.2)
.126
(0.6)
.024
Typ
(0.4)
.016
Typ
See Standoff
Detail
(19.0)
.748
(18.0)
.709
(8.37)
.329
(10.7)
.421
(12.57)
.495
(13.0)
.512
See Pixel Detail
Stando Detail
(2.0)
.079
Dia
(1.25)
.049
(0.3)
.012
A
Dimension A
Stando 1 = (2.7)
.106
Stando 2 = (2.3)
.091
Pixel Detail
(0.03)
.001
(0.32)
.013
Sq
Typ
(0.03)
.001
Typ
Footprint
(6.35)
.250
(6.15)
.242
(2.0)
.079
(15.0)
.591
(16.0)
.630
(7.62)
.300
(11.0)
.433
.039
(1.0)Typ
(0.9)
.035
Dia
2x
(0.75)
.030
Dia
12x
14
13
12
10
8
6
4
11
9
7
5
3
2
1
4x (1.3) Dia
.051
Landless
PIXEL DETAIL
STANDOFF DETAIL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com