Electronic Components Datasheet Search
  English  ▼

X  

2N5151 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N5151
Description  HIGH SPEED MEDIUM VOLTAGE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5151 Datasheet(HTML) 1 Page - Seme LAB

  2N5151 Datasheet HTML 1Page - Seme LAB 2N5151 Datasheet HTML 2Page - Seme LAB 2N5151 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N5151
2N5153
Prelim. 3/97
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
DESCRIPTION
The 2N5151 and the 2N5153 are silicon
expitaxial planar PNP transistors in
jedec TO-39 metal case intended for
use in switching applications.
The complementary NPN types are the
2N5152 and 2N5154 respectively
ABSOLUTE MAXIMUM RATINGS
TCASE = 25°c unless otherwise stated
2N5153
2N5151
HIGH SPEED
MEDIUM VOLTAGE
SWITCHES
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IC = 0)
IC
Continuous Collector Current
IC(PK)
Peak Collector Current
IB
Base Current
Ptot
Total Dissipation at Tamb = 25°C
Tcase = 50°C
Tcase = 100°C
Tstg
Operating and Storage Temperature Range
Tj
Junction temperature
-100V
-80V
-5.5V
-5A
-10A
-2.5A
1W
10W
6.7W
–65 to +200°C
200°C
MECHANICAL DATA
Dimensions in mm (inches)
0.89
(0.035)
max.
0.66 (0.026)
1.14 (0.045)
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
5.08 (0.200)
typ.
45˚
12.70
(0.500)
min.
4.19 (0.165)
4.95 (0.195)
8.89 (0.35)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
7.75 (0.305)
8.51 (0.335)
dia.
1
2
3
TO-39
Pin 1 – Emitter
Pin 2 – Base
Pin 3 – Collector


Similar Part No. - 2N5151

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5151 SEMICOA-2N5151 Datasheet
33Kb / 1P
Chip Type 2C5153 Geometry 9221 Polarity NPN
2N5151 SEMICOA-2N5151 Datasheet
55Kb / 2P
Type 2N5151 Geometry 9702 Polarity PNP
logo
Central Semiconductor C...
2N5151 CENTRAL-2N5151 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Solid States Devices, I...
2N5151 SSDI-2N5151 Datasheet
224Kb / 2P
5 AMP HIGH SPEED PNP TRANSISTOR
More results

Similar Description - 2N5151

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4033 SEME-LAB-2N4033 Datasheet
14Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N5152 SEME-LAB-2N5152 Datasheet
24Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5322 SEME-LAB-2N5322 Datasheet
19Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5151-220M SEME-LAB-2N5151-220M Datasheet
26Kb / 3P
HIGH SPEED MEDIUM VOLTAGE
2N5154X-220M SEME-LAB-2N5154X-220M Datasheet
26Kb / 2P
HIGH SPEED MEDIUM VOLTAGE
2N5154XSMD SEME-LAB-2N5154XSMD Datasheet
23Kb / 2P
HIGH SPEED MEDIUM VOLTAGE
2N5154XX SEME-LAB-2N5154XX Datasheet
21Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N5151 SEME-LAB-2N5151_01 Datasheet
48Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5152 SEME-LAB-2N5152_04 Datasheet
27Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5322 SEME-LAB-2N5322_03 Datasheet
21Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com