Electronic Components Datasheet Search
  English  ▼

X  

OSFKS5CC Datasheet(PDF) 2 Page - OptoSupply International

Part # OSFKS5CC
Description  PRODUCT SPECIFICATION FOR 850nm & 940nm Infrared LED Ring
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSFKS5CC Datasheet(HTML) 2 Page - OptoSupply International

  OSFKS5CC Datasheet HTML 1Page - OptoSupply International OSFKS5CC Datasheet HTML 2Page - OptoSupply International OSFKS5CC Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.optosupply.com
VER 3.0
2
Product Picture and Dimensions:
Module No.
LED
Wavelength
(Typ.)
LED Module
Beam Angle
Pattern
OSFKS5CS
OSI3CA5113A
850nm
60 degree
OSFKS5CC
OSI3CA5453B
850nm
120 degree
OSFKS5JS
OSI5LA5113A
940nm
60 degree
OSFKS5JC
OSI5LA5453B
940nm
120 degree
Model No.
OSFKS5XX
REV.
C1
0
0
0
0
0
0
0
0
Unit: mm Tolerance: ±0.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com