Electronic Components Datasheet Search
  English  ▼

X  

OSLA01X3RGB Datasheet(PDF) 1 Page - OptoSupply International

Part # OSLA01X3RGB
Description  Offer long life time, high efficiency , eco-friendly products.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSLA01X3RGB Datasheet(HTML) 1 Page - OptoSupply International

  OSLA01X3RGB Datasheet HTML 1Page - OptoSupply International OSLA01X3RGB Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER A.1
0
0
Model NO
COLOR
Typical
Wavelength
(nm)
Input Voltage[V]
Power
Consumption[W]
Luminous Flux[lm]
BEAM ANGLE
RED
625nm
30lm
GREEN
525nm
40lm
OSLA01X3RGB
BLUE
465nm
AC/DC 12
3W
15lm
30º
▪ OPTICAL SYSTEM
SIZE: 49(Φ)X 60(H)
LIFE TIME: 50,000Hrs
HOUSING: ALUMINIUM die casting
BASE TYPE: GU 5.3
OPERATING TEMPERTURE: -20°C~+40°C
LED Quantity :1PC
WEIGHT: 66g
LED type:3 power RGB LED
DIMMERBILITY: Dimmerble by remote controller NUMBER OF COLORS: 16 millions
REMOTE CONTROL DISTANCE: 10 meter max
OPTICS: PC lens
▪ DIMENSION
Unit: mm
Tolerance:+2mm
Offer long life time, high efficiency , eco-friendly products.
Applications
Spot lighting for display, decorating light, office, school, conference room etc.
Eco-friendly
Differentiated from conventional lights, hazardous substances like CO2, mercury
etc, are extremely reduced, and neither harmful electromagnetic wave nor
ultraviolet ray is emitted.
Heat dissipation design
Unique design considering effective heat dissipation (Design registration applied).
Energy saving
Save energy with low power consumption.
Long life time
Save maintenance cost with long life time.
High brightness
3W MR 16
RGB
With rated voltage & constant current drive IC, offer constant brightness against
unstable environments.


Similar Part No. - OSLA01X3RGB

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSLA01X3W00 OPTOSUPPLY-OSLA01X3W00 Datasheet
447Kb / 1P
Replaceable for conventional halogen lamp, offer long life time, high efficiency
More results

Similar Description - OSLA01X3RGB

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSLA01X3W00 OPTOSUPPLY-OSLA01X3W00 Datasheet
447Kb / 1P
Replaceable for conventional halogen lamp, offer long life time, high efficiency
OSLA03X3M00 OPTOSUPPLY-OSLA03X3M00 Datasheet
541Kb / 1P
Replaceable for conventional halogen lamp, offer long life time, high efficiency, eco-friendly products.
OSLA03X3RGB OPTOSUPPLY-OSLA03X3RGB Datasheet
566Kb / 2P
Offer long life time, high efficiency , eco-friendly products.
OSLA03X3W00 OPTOSUPPLY-OSLA03X3W00 Datasheet
541Kb / 1P
Replaceable for conventional halogen lamp, offer long life time, high efficiency
logo
FSP TECHNOLOGY INC.
FSP015-DZ24CE070 FSP-FSP015-DZ24CE070 Datasheet
84Kb / 1P
High Efficiency & Long Life
FSP015-DZ48CE035 FSP-FSP015-DZ48CE035 Datasheet
84Kb / 1P
High Efficiency & Long Life
FSP18-ZZAP035M FSP-FSP18-ZZAP035M Datasheet
94Kb / 1P
High Efficiency & Long Life
FSP030-1FZ1FS FSP-FSP030-1FZ1FS Datasheet
118Kb / 1P
High Efficiency & Long Life
FSP045-1SZ24-12 FSP-FSP045-1SZ24-12 Datasheet
147Kb / 1P
High Efficiency & Long Life
FSP045-1SZ24-36 FSP-FSP045-1SZ24-36 Datasheet
178Kb / 1P
High Efficiency & Long Life
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com