Electronic Components Datasheet Search
  English  ▼

X  

IS15DBFP4RGB Datasheet(PDF) 6 Page - GREATECS

Part # IS15DBFP4RGB
Description  Programmable High Resolution LCD Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

IS15DBFP4RGB Datasheet(HTML) 6 Page - GREATECS

  IS15DBFP4RGB Datasheet HTML 1Page - GREATECS IS15DBFP4RGB Datasheet HTML 2Page - GREATECS IS15DBFP4RGB Datasheet HTML 3Page - GREATECS IS15DBFP4RGB Datasheet HTML 4Page - GREATECS IS15DBFP4RGB Datasheet HTML 5Page - GREATECS IS15DBFP4RGB Datasheet HTML 6Page - GREATECS IS15DBFP4RGB Datasheet HTML 7Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LCD Switches
Programmable High Resolution LCD Switches
IS Series
sales@greatecs.com
www.greatecs.com
6
TIMING SPECIFICATIONS FOR SMARTSWITCH & SMARTDISPLAY
BITMAP
SPI Timing Chart (SS Using)
SPI Timing Chart (SS Low Level Fixed)
SDI and SCK shall be kept high when the communication is not complete.
ts
SS
tcyc
CK
thw
CK
th
SS
ts
DI
th
DI
td
DO
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
SS
SCK
SDI
SDO
tcyc
CK
thw
CK
ts
DI
th
DI
D7 D6 D5 D4 D3 D2 D1 D0
td
DO
D7 D6 D5 D4 D3 D2 D1 D0
SS
SCK
SDI
SDO
Low
Circuit Example
SPI Characteristics (See Timing Diagram)
(Temperature at –15°C ~ +50°C and V DD = 5.0V ± 2%)
Items
Symbols
Minimum
Maximum
SPI_SS Set Up Time
ts
SS
10ns
SPI_SS Hold Time
th
SS
10ns
SPI_CLK Cycle
tcyc
CK
8MHz
SPI_CLK Width
thw
CK
10ns
SPI_DI Set Up Time
ts
DI
10ns
SPI_DI Hold Time
th
DI
10ns
SPI_DO Delay Time
td
DO
10ns
SCK
SDI
SS
SCK
SDI
SS
IS_2
IS_1
SCK
SDI
SS
IS_3
SCK
SDI
SS
IS_6
SCK
SDI
SS
IS_5
SCK
SDI
SS
IS_4
SCK
SDI
SS
IS_7
SCK
SDI
SS
IS_8
SCK
SDI
SS
IS_9
DATA_1
DATA_2
DATA_3
CLK_1
CLK_2
CLK_3
Segment
1 2 3 4 5 6 7 8
9 • • • 16
• • • • •
49 • • • 56
57 58 59 60 61 62 63 64
Byte8
Byte7
• • •
Byte2
Byte1
COM1
D0 D1 D2 D3 D4 D5 D6 D7
D0 • • • D7
• • •
D0 • • • D7
D0 D1 D2 D3 D4 D5 D6 D7
Byte16
Byte9
COM2
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
•
•
•
•
•
•
•
•
•
Byte256
• • •
• • •
Byte249
COM32
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
Transferring Display Data/Displaying LCD Command and Data Sequence
Command
Data (256 Bytes)
0 x 55
Byte1
Byte2 • • • Byte255
Byte256
0 1 0 1 0 1 0 1
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 • • • D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
Notes:
The screens are changed when the second area is fully stored.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com