Electronic Components Datasheet Search
  English  ▼

X  

2N5680 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N5680
Description  PNP SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5680 Datasheet(HTML) 1 Page - Seme LAB

  2N5680 Datasheet HTML 1Page - Seme LAB 2N5680 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The 2N5679 and 2N5680 are silicon
expitaxial planar PNP transistors in
jedec TO-39 metal case intended for
use as drivers for high power transis-
tors in general purpose, amplifier and
switching circuit
The complementary NPN types are the
2N5681 and 2N5682 respectively
ABSOLUTE MAXIMUM RATINGS
TCASE = 25°c unless otherwise stated
2N5680
2N5679
2N5679
2N5680
LAB
SEME
Prelim. 3/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
PNP SILICON
TRANSISTORS
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IC = 0)
IC
Continuous Collector Current
IB
Base Current
Ptot
Total Dissipation at Tcase £ 25°C
Tamb £ 25°C
Tstg
Operating and Storage Temperature Range
Tj
Junction temperature
-100V
-120V
-100V
-120V
-4V
-1A
-0.5A
10W
1W
–65 to +200°C
200°C
MECHANICAL DATA
Dimensions in mm (inches)
0. 89
( 0 . 035)
ma x .
12. 7 0
( 0 . 500)
mi n .
6. 1 0 ( 0. 2 40)
6. 6 0 ( 0. 2 60)
8. 89 ( 0 . 35)
9. 40 ( 0 . 37)
7. 7 5 ( 0. 3 05)
8. 5 1 ( 0. 3 35)
7. 7 5 ( 0. 3 05)
8. 5 1 ( 0. 3 35)
di a.
0. 66 ( 0 . 026)
1. 14 ( 0 . 045)
0. 71 ( 0 . 028)
0. 86 ( 0 . 034)
2. 54
( 0 . 100)
5. 0 8 ( 0. 2 00)
ty p .
45 °

!
TO-39
Pin 1 – Emitter
Pin 2 – Base
Pin 3 – Collector


Similar Part No. - 2N5680

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N5680 BOCA-2N5680 Datasheet
43Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Central Semiconductor C...
2N5680 CENTRAL-2N5680 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5680 ETC-2N5680 Datasheet
347Kb / 8P
Power Transistors
logo
Microsemi Corporation
2N5680 MICROSEMI-2N5680 Datasheet
56Kb / 2P
PNP POWER TRANSISTOR SILICON AMPLIFIER
logo
TRANSYS Electronics Lim...
2N5680 TEL-2N5680 Datasheet
64Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
More results

Similar Description - 2N5680

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
PNP SILICON TRANSISTORS
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
PNP SILICON TRANSISTORS
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
Silicon PNP Transistors
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
PNP Silicon Transistors
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
PNP Silicon Transistors
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
Silicon PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com