Electronic Components Datasheet Search
  English  ▼

X  

MB5 Datasheet(PDF) 1 Page - GREATECS

Part # MB5
Description  Push & Lever Multifunction Switches with Click Feel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MB5 Datasheet(HTML) 1 Page - GREATECS

  MB5 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-Direction Switches
Push & Lever Multifunction Switches with Click Feel
MB5 Series
General Specifications:
MATERIALS
» Contact: Phosphor bronze with silver cladding at
contact surface
» Terminal: Phosphor bronze with silver cladding at
contact surface
» Spring: Stainless steel
MECHANICAL
» Mechanical Life: 100,000 cycles
» Operating Force:
(A) Center push: 200±100 gf
(B) Lever {CW.CCW}: 70±50 gf
» Operating Temperature: -10°C to +60°C
» Storage Temperature: -30°C to +80°C
ELECTRICAL
» Electrical Life: 100,000 cycles
» Rating: 10mA, 5VDC
» Contact resistance: 500
Ω
» Circuit: Single pole single throw
SOLDERING PROCESSES
» Reflow Soldering: When applying reflow soldering,
the peak temperature or the reflow oven should be
set to 260°C max 10 seconds max..
sales@greatecs.com
www.greatecs.com
MB5
How to order:
1
2
3
ACTUATOR:
MI Mounting Knob Intergrated
MK Mounting Knob
CLICK FEEL:
C
With Click Feel
PACKING:
TR Tape & Reel ( 900 pcs / reel )
1
2
3
General Tolerance: ± 0.2 mm
MB5MICTR
MB5MKCTR


Similar Part No. - MB5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB5 ETC2-MB5 Datasheet
541Kb / 3P
Multipurpose Boxes with Lids
logo
HellermannTyton.
MB5 HELLERMANNTYTON-MB5 Datasheet
487Kb / 4P
Cable Ties and Fixings
October 2015
logo
Multicomp Pro
MB5 MULTICOMP-MB5 Datasheet
204Kb / 2P
Multipurpose Boxes with Lids
21/05/21 V1.0
logo
SL Power Electronics
MB5-3-OV-A SLPOWER-MB5-3-OV-A Datasheet
720Kb / 7P
Commercial/Medical International Linears
logo
Insel Rectifier India P...
MB50 IRI-MB50 Datasheet
585Kb / 4P
BRIDGE RECTIFIER
More results

Similar Description - MB5

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
Multifunction Telecom Switches
logo
Mitsumi Electronics, Co...
SOH-213HST MITSUMI-SOH-213HST Datasheet
71Kb / 2P
Side Click Type Tactile Switches
logo
GREATECS
MB2 GREATECS-MB2 Datasheet
439Kb / 1P
Push & Lever Multifunction Switches
logo
ALPS ELECTRIC CO.,LTD.
RS60K11A9010 ALPS-RS60K11A9010 Datasheet
919Kb / 7P
Minimum lever wobble and high precision characteristics combined with good operational feel
logo
Maxim Integrated Produc...
MAX14504 MAXIM-MAX14504 Datasheet
190Kb / 12P
Internal Shunt Switches Reduce Click/Pop
Rev 1; 12/08
logo
SHINMEI ELECTRIC CO., L...
TSW-27 SHINMEI-TSW-27 Datasheet
122Kb / 3P
Multifunction Switches (Double Action Type TactileLever)
TSW-41 SHINMEI-TSW-41 Datasheet
92Kb / 2P
Multifunction Type Tactile Switches
logo
Mitsumi Electronics, Co...
SOU MITSUMI-SOU Datasheet
92Kb / 2P
Side Click Type Tactile Switches
logo
ALPS ELECTRIC CO.,LTD.
RSK ALPS-RSK Datasheet
919Kb / 7P
Minimum lever wobble and high precision characteristics combined with good operational feel
logo
Panasonic Semiconductor
ESB30B132 PANASONIC-ESB30B132 Datasheet
279Kb / 7P
Push Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com