Electronic Components Datasheet Search
  English  ▼

X  

MB9 Datasheet(PDF) 1 Page - GREATECS

Part # MB9
Description  Right Angle Halogen-Free Double Action Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MB9 Datasheet(HTML) 1 Page - GREATECS

  MB9 Datasheet HTML 1Page - GREATECS MB9 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Multi-Direction Switches
Right Angle Halogen-Free Double Action Switches
MB9 Series
TERMINALS:
S
SMT Terminal Type
MB9
How to order:
SPECIFICATION:
1
1
sales@greatecs.com
www.greatecs.com
1
2
PACKAGE:
TR Tape & Reel
2
st
nd
st
nd
MECHANICAL
Mechanical Life: 100,000 cycles
Operation Force: 1
150 50gf
2
260 80gf
Stroke: 1
0.45 0.15mm
2
0.90 0.15mm
Operation Temperature Range: -25°C to +70°C
Storage Temperature Range: -30°C to +80°C
ELECTRICAL
Electrical Life: 100,000 cycles
Switching Rating: 50mA, 12VDC
Contact Resistance: 100m
max.
Insulation Resistance: 100m
GENERAL TOLERANCES MAX: ± 0.2mm.
Br < 900 ppm
Cl < 900 ppm
Br+Cl < 1500 ppm
Note:
> General Tolerance: +/-0.2mm
> Unit in mm and inch (bracketed)


Similar Part No. - MB9

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
On-Screen Display Controller
MB90050PF FUJITSU-MB90050PF Datasheet
743Kb / 41P
On-Screen Display Controller
MB90075 FUJITSU-MB90075 Datasheet
1Mb / 42P
ON-SCRREN DISPLAY CONTROLLER FOR NTSC/PAL
MB90075-P-SH FUJITSU-MB90075-P-SH Datasheet
1Mb / 42P
ON-SCRREN DISPLAY CONTROLLER FOR NTSC/PAL
MB90075-PF FUJITSU-MB90075-PF Datasheet
1Mb / 42P
ON-SCRREN DISPLAY CONTROLLER FOR NTSC/PAL
More results

Similar Description - MB9

ManufacturerPart #DatasheetDescription
logo
GREATECS
DX48H GREATECS-DX48H Datasheet
182Kb / 5P
SMT Half Pitch Type Halogen-Free DIP Switches
SB89 GREATECS-SB89 Datasheet
114Kb / 2P
14 mm Halogen-Free Slide Switches
TP38H GREATECS-TP38H Datasheet
219Kb / 7P
6x6 mm SMT Halogen-Free Tactile Switches
TP89 GREATECS-TP89 Datasheet
225Kb / 3P
5x5mm SMT Halogen-Free Tactile Switches
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
SNAP ACTION SWITCHES
logo
SHINMEI ELECTRIC CO., L...
TSW-20 SHINMEI-TSW-20 Datasheet
94Kb / 2P
Side Push Double Action Tactile Switches
TSW-27 SHINMEI-TSW-27 Datasheet
122Kb / 3P
Multifunction Switches (Double Action Type TactileLever)
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
Snap Action Switches
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
Snap Action Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com