Electronic Components Datasheet Search
  English  ▼

X  

MP1 Datasheet(PDF) 1 Page - GREATECS

Part # MP1
Description  Miniature SPST Micro Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MP1 Datasheet(HTML) 1 Page - GREATECS

  MP1 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micro Switches
Miniature SPST Micro Switches
MP1 Series
General Specifications:
FEATURES
» SPST Micro Switch
» Long Life Be-Cu spring mechanism
» Large over travel
» Small compact size
» Insert molding in the contact prevent flux
build-up during soldering and permits auto
dipping
MATERIAL
» Stationary Contact: Silver (3A)
Brass+Ag (1A & 0.1A)
» Movable Contact: Silver
» Terminals: Brass+Ag
» Actuating Spring: Ti-Cu
MECHANICAL
» Type of Actuation: Momentary
» Mechanical Life: 300,000 operations min.
» Operating Temperature: -25°C to +105°C
ELECTRICAL
» Electrical Life: 10,000 operations min.
» Initial Contact Resistance: 50mΩ max.
» Insulation Resistance: 100MΩ min.
MP1
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
5
O.P. (Operation Position): The position of the actuator at which the contact snap to the operated contact position
F.P. (Free Position): The initial position on the actuator when there is no external force applied
P.T. (Pretravel): The distance or angle through which the actuator moves from the F.P. to the O.P.
O.T. (Over Travel): The distance or angle of the actuator movement beyond the O.P.
R.P. (Releasing Position): The position of the actuator at which the contacts snap from the operated contact position to their normal
position
M.D. (Movement Differential): The distance or angle from O.P. to R.P.
MP1_ _H01_
Lever Length = 14 mm
Contact Configuration
COM Terminal
Lever
Button
NC Terminal
NO Terminal
P.C.B. Mounting Hole
5.08
10.16
Ø1.2 (3 holes)
Mounting Holes
Ø2.0 (2 holes)
6.50
(14.00)
C
0.90
5.08
5.60±0.15
NC
NO
12.80±0.15
6.5±0.1
5.08
Ø2.05
+0.1
-0
Ø2.20
+0.1
-0
5.85±0.15
0.60
3.65
2.95
5.85±0.15
0.60
3.65
2.95
5.85±0.15
0.60
2.90
5.85±0.15
0.60
3.65
2.90
(25.0)
C
0.90
5.08
NC
NO
12.80±0.15
6.5±0.1
5.08
Ø2.05
+0.1
-0
Ø2.20
+0.1
-0
5.60±0.15
(15.0)
C
0.90
5.08
NC
NO
12.80±0.15
6.5±0.1
5.08
Ø2.05
+0.1
-0
Ø2.20
+0.1
-0
5.60±0.15
(12.00)
C
0.90
5.08
NC
NO
12.80±0.15
6.5±0.1
5.08
Ø2.05
+0.1
-0
Ø2.20
+0.1
-0
5.60±0.15
MP1_ _H02_
Lever Length = 25 mm
MP1_ _H04_
Simulated Lever 1
MP1_ _H04A_
Simulated Lever 2
R1
R2
R3
AG
AU
H
CURRENT RATING:
0.1A 5VDC
1A 125VAC
3A 125VAC
CLOTHED MATERIAL:
Silver (Standard)
Gold
TERMINAL
P.C.B. Terminal Straight (Standard)
00
01
02
04
04A
N
L
HINGED TYPE
(See above drawings):
Pin Plunger
Lever Length=14 mm
Lever Length=25 mm
Simulated Lever 1
Simulated Lever 2
OPERATING FORCE
Standard, 125±25gf
Low, 70±20gf
1
2
3
4
5
L01


Similar Part No. - MP1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
Multimedia Platform
2004
logo
Emerson Network Power
MP1 EMERSON-NETWORKPOWER-MP1 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
List of Unclassifed Man...
MP1-10B ETC2-MP1-10B Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
logo
ABB
MP1-10B ABB-MP1-10B Datasheet
2Mb / 24P
Pilot devices The core offering
2016
logo
List of Unclassifed Man...
MP1-10C ETC2-MP1-10C Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP1

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
SPST Switches
logo
GREATECS
MP2 GREATECS-MP2 Datasheet
121Kb / 1P
Miniature SPDT Micro Switches
logo
Honeywell Solid State E...
V15W11-EZ200-W3 HONEYWELL-V15W11-EZ200-W3 Datasheet
277Kb / 6P
MICRO SWITCH??V15W Series Watertight Miniature Switches
logo
Analog Devices
ADG601 AD-ADG601_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
logo
BOWEI Integrated Circui...
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
SPST Switches
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
MICRO SWITCH Premium Miniature Basic Switches
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
MICRO SWITCH Standard Miniature Basic Switches
06/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com