Electronic Components Datasheet Search
  English  ▼

X  

2N6261 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6261
Description  HOMETAXIAL-BASE MEDIUM POWER SILICON NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6261 Datasheet(HTML) 1 Page - Seme LAB

  2N6261 Datasheet HTML 1Page - Seme LAB 2N6261 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
90V
80V
85V
90V
7V
4A
2A
50W
0.200°C
–65 to 200°C
7/00
2N6261
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage (with base open)
VCER(sus)
External Base – Emitter (RBE) = 100W)
VCEV(sus)
Collector – Emitter Voltage (with base reverse biased)
VEBO
Emitter to Base Voltage
IC
Continuous Collector Current
IB
Continuous Base Current
PD
Total Power Dissipation at Tcase = 25°C
Derate above 25°C
Tj,Tstg,
Operating and Storage Junction Temperature Range
3.68
(0.145) rad.
max.
3.61 (0.142)
3.86 (0.145)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
HOMETAXIAL-BASE
MEDIUM POWER SILICON
NPN TRANSISTOR
FEATURES
• fT = 800 kHz at 0.2A
• Maximum Safe-area of operation curves
for dc and pulse operation.
• VCEV(sus) = 90V min
• Low Saturation Voltage:
VCE(sat = 1.0V at IC = 0.5A)
ABSOLUTE MAXIMUM RATINGS (T
case = 25°C unless otherwise stated)
PIN 1 — Base
PIN 2 — Emitter
Case is Collector.
APPLICATIONS
• Power Switching Circuits
• Series and shunt-regulator driver and
output stages
• High-fidelity amplifers
• Solenoid Drivers
MECHANICAL DATA
Dimensions in mm(inches)
TO–66
THERMAL CHARACTERISTICS
R
qJC
Thermal Resistance, Junction to Case
3.5 °C/W
In accordance with JEDEC registration data format


Similar Part No. - 2N6261

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N6261 CENTRAL-2N6261 Datasheet
51Kb / 1P
Power Transistors
logo
Savantic, Inc.
2N6261 SAVANTIC-2N6261 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6261 JMNIC-2N6261 Datasheet
140Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N6261 ISC-2N6261 Datasheet
138Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N6261 NJSEMI-2N6261 Datasheet
108Kb / 1P
SI PNP POWER BJT
More results

Similar Description - 2N6261

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
2N3506 MICROSEMI-2N3506 Datasheet
96Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56 Datasheet
182Kb / 2P
NPN Silicon Medium Power Transistor
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
Medium Power Transistor NPN silicon
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
NPN Silicon Medium Power Transistor
CZT31C-C SECOS-CZT31C-C Datasheet
251Kb / 2P
NPN Silicon Medium Power Transistor
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
NPN Silicon Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com