Electronic Components Datasheet Search
  English  ▼

X  

MP30 Datasheet(PDF) 1 Page - GREATECS

Part # MP30
Description  8.6x4.8x3.0mm Superminiature Micro Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MP30 Datasheet(HTML) 1 Page - GREATECS

  MP30 Datasheet HTML 1Page - GREATECS MP30 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Micro Switches
8.6x4.8x3.0mm Superminiature Micro Switch
MP30 Series
sales@greatecs.com
www.greatecs.com
1
MP30
How to order:
1
2
R1
H
S
CURRENT RATING:
0.1A 30VDC
TERMINAL (see drawing)
THT
SMT
1
2
MP30R1H
Thru Hole Type
FEATURES
> Smaller size than former superminiature micro Switches
> Longer operating life than former superminiature
micro switches
> THT and SMT terminal type
APPLICATIONS
> Industrial Control
> Notebook
> Joystick
> Computer mouse
General Tolerance: ±0.2 mm
General Tolerance: ±0.2 mm
MP30R1S
Surface Mount Type


Similar Part No. - MP30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MP30 VISHAY-MP30 Datasheet
83Kb / 2P
Power Rheostats 150 Watt
25-Aug-00
logo
FIBOX Enclosing innovat...
MP30/25 FIBOX-MP30/25 Datasheet
49Kb / 2P
Mounting plate, for enclosures:
19.01.2023
logo
XP Power Limited
MP300-2400 XPPOWER-MP300-2400 Datasheet
1Mb / 6P
Fully Featured Signal Set
logo
Monolithic Power System...
MP3001 MPS-MP3001 Datasheet
339Kb / 9P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight and Flashlight Driver
MP3001DQ MPS-MP3001DQ Datasheet
339Kb / 9P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight and Flashlight Driver
More results

Similar Description - MP30

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
4417 DBLECTRO-4417 Datasheet
941Kb / 3P
Superminiature, heavy power
NT73-3 DBLECTRO-NT73-3 Datasheet
446Kb / 2P
Superminiature, High power
logo
HuaXinAn Electronics CO...
4117C HUAXINAN-4117C Datasheet
1Mb / 1P
Superminiature, heavy power
4117U HUAXINAN-4117U Datasheet
1Mb / 1P
Superminiature, heavy power
4117W HUAXINAN-4117W Datasheet
1Mb / 1P
Superminiature, heavy power
NT73-3A HUAXINAN-NT73-3A Datasheet
415Kb / 1P
Superminiature, High power
NT73-3C HUAXINAN-NT73-3C Datasheet
415Kb / 1P
Superminiature, High power
NT73-3LA HUAXINAN-NT73-3LA Datasheet
415Kb / 1P
Superminiature, High power
NT73-3LB HUAXINAN-NT73-3LB Datasheet
415Kb / 1P
Superminiature, High power
NT73-3LC HUAXINAN-NT73-3LC Datasheet
415Kb / 1P
Superminiature, High power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com