Electronic Components Datasheet Search
  English  ▼

X  

PB11 Datasheet(PDF) 1 Page - GREATECS

Part # PB11
Description  Sealed Ultraminiature Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB11 Datasheet(HTML) 1 Page - GREATECS

  PB11 Datasheet HTML 1Page - GREATECS PB11 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pushbutton Switches
Sealed Ultraminiature Pushbutton Switches
PB11 Series
sales@greatecs.com
www.greatecs.com
1
PB11
How to order:
General Specifications:
1
2
3
N
B
A
C
ACTUATOR:
3.30mm high (Standard)
White Cap
Black Cap
Red Cap
2
B1
BUSHING:
1.6mm high (Standard)
3
4
S8
S9
D8
D9
POLES & SWITCHING:
SP ON-MOM
SP OFF-MOM
DP ON-MOM
DP OFF-MOM
1
T2
T6
T7
TERMINALS:
Straight THT
Right Angle THT
Vertical Right Angle THT
4
5
Life: 40,000 Cycles
Temperature Range: -30°C ~ +85°C
Rating: 0.4VA max. 20VAC/DC max.
Contact Resistance: 50m
max. at 2-4VDC 100mA
Insulation Resistance: 1,000M
min.
Soldering: 260°C 5 seconds max.
N
CONTACT MATERIAL:
Gold
5
6
7
E
SEAL:
Epoxy
6
N
V
ROHS & LEAD FREE:
RoHS Compliant (Standard)
RoHS Compliant & Lead free
7
PB11S...AB1T2... SPDT Straight THT
PB11D...AB1T2... DPDT Straight THT
PB11S...AB1T6... SPDT Right Angle THT
PB11D...AB1T6... DPDT Right Angle THT
PB11S...AB1T7... SPDT Vertical Right Angle THT
PB11D...AB1T7... DPDT Vertical Right Angle THT


Similar Part No. - PB11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PB1101 SCHURTER-PB1101 Datasheet
210Kb / 2P
PS 1061 Test Probe, 2 mm, 10 A
PB1101 SCHURTER-PB1101 Datasheet
222Kb / 2P
PB 1101 Test Jack, PCB Mounting, 횠 2 mm, 10 A
PB1101 SCHURTER-PB1101 Datasheet
221Kb / 2P
PB 1101 Test Jack, PCB Mounting, 횠 2 mm, 10 A
04.01.2022
PB1101 SCHURTER-PB1101_V01 Datasheet
221Kb / 2P
PB 1101 Test Jack, PCB Mounting, 횠 2 mm, 10 A
04.01.2022
PB1111 SCHURTER-PB1111 Datasheet
210Kb / 2P
PS 1061 Test Probe, 2 mm, 10 A
More results

Similar Description - PB11

ManufacturerPart #DatasheetDescription
logo
ITT Industries
GP11MCBE ITT-GP11MCBE Datasheet
419Kb / 4P
Sealed Ultraminiature Pushbutton Switches
GS01MCBE ITT-GS01MCBE Datasheet
230Kb / 2P
Sealed Ultraminiature Slide Switches
GT11MCBE ITT-GT11MCBE Datasheet
565Kb / 5P
Sealed Ultraminiature Toggle Switches
logo
C&K Components
GT11MCXE CK-COMPONENTS-GT11MCXE Datasheet
410Kb / 5P
Sealed Ultraminiature Toggle Switches
GP11MCBE CK-COMPONENTS-GP11MCBE Datasheet
324Kb / 4P
Sealed Ultraminiature Pushbutton Switches
GS01MCBE CK-COMPONENTS-GS01MCBE Datasheet
223Kb / 2P
Sealed Ultraminiature Slide Switches
GT11MSCBE CK-COMPONENTS-GT11MSCBE Datasheet
419Kb / 5P
Sealed Ultraminiature Toggle Switches
GP CK-COMPONENTS-GP Datasheet
715Kb / 5P
Sealed Ultraminiature Pushbutton Switches
2 Mar 22
GS CK-COMPONENTS-GS Datasheet
390Kb / 3P
Sealed Ultraminiature Slide Switches
16 Mar 22
GT CK-COMPONENTS-GT Datasheet
847Kb / 6P
Sealed Ultraminiature Toggle Switches
4 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com