Electronic Components Datasheet Search
  English  ▼

X  

PB16 Datasheet(PDF) 1 Page - GREATECS

Part # PB16
Description  SPST Sealed Round Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB16 Datasheet(HTML) 1 Page - GREATECS

  PB16 Datasheet HTML 1Page - GREATECS PB16 Datasheet HTML 2Page - GREATECS PB16 Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pushbutton Switches
SPST Sealed Round Pushbutton Switches
PB16 Series
PB16
How to order:
1
2
3
5
sales@greatecs.com
www.greatecs.com
1
6
4
A
C
E
G
ACTUATOR COLOR:
Black
B
White
Red
D
Orange
Yellow
F
Green
Blue
1
2
3
1
2
B1
B2
B3
CIRCUITS:
OFF-MOM
ON-MOM (without LED)
OFF-ON
SEAL
O-Ring & Epoxy (IP67 for Panel Surface)
O-Ring & Wire Type 2 Terminals (IP67 for whole body)
BUSHING:
Snap-in
Threaded Bushing
Snap-in
TS
W1
W2
TERMINALS:
Solder Lug
Wire Type 1 (See Drawing)
Wire Type 2 (See Drawing)
1
5
3
4
6
.047
1.20
.287
7.30
.078
2.00
RUBBER
WASHER
.015
0.40
.197
5.00
.472
12.00
.047
1.20
.078
2.00
.087
2.20
RUBBER
WASHER
RUBBER
WASHER
LED COLOR:
7
Protected against the effects of
immersion up to 1 m water(30mn)
PB161B1TS1...
OFF-MOM
Flat Top Actuator
Snap-in Bushing
Solder Lug Terminals
IP67 for Panel Surface
7
blank
R
ACTUATOR:
Flat Top
Spherical Top (only without LED)
2
N
C
F
No LED
B
White
Red
E
Yellow
Green
G
Blue
ADDITIONAL CAP:
8
blank
W
No Cap
With Cap
8
FEATURES :
> Sealed Protection Degree IP67
> Snap-in and threaded bushing
> Compact and light weight
> Tactile feeling
> Plating gold over silver
> Vapor phase solderable
PB162B1TS1...
ON-MOM
Flat Top Actuator
Snap-in Bushing
Solder Lug Terminals
IP67 for Panel Surface
PB161B2TS1...
OFF-MOM
Flat Top Actuator
Threaded Bushing
Solder Lug Terminals
IP67 for Panel Surface
PB161RB3TS1...
OFF-MOM
Spherical Top Actuator
Snap-in Bushing
Solder Lug Terminals
IP67 for Panel Surface
IP67
Sealed Type 1:
IP67 for Panel Surface
Sealed Type 2:
IP67 for Whole Body


Similar Part No. - PB16

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB16 CRYDOM-PB16 Datasheet
385Kb / 3P
MOUNTING BOARD
logo
Lumileds Lighting Compa...
PB160 LUMILEDS-PB160 Datasheet
1Mb / 2P
High performance LED modules with extreme efficacy for robust lighting designs
PB161 LUMILEDS-PB161 Datasheet
1Mb / 2P
Industry best thermal performance, 2A drive current, compatible with standard optics, 3-stripe footprint
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
Uniform, high efficacy and easy to design array
PB163 LUMILEDS-PB163 Datasheet
1Mb / 2P
Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
More results

Similar Description - PB16

ManufacturerPart #DatasheetDescription
logo
ITT Industries
GP11MCBE ITT-GP11MCBE Datasheet
419Kb / 4P
Sealed Ultraminiature Pushbutton Switches
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
Sealed Tiny Pushbutton Switches
logo
GREATECS
PB11 GREATECS-PB11 Datasheet
380Kb / 2P
Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
GP11MCBE CK-COMPONENTS-GP11MCBE Datasheet
324Kb / 4P
Sealed Ultraminiature Pushbutton Switches
logo
E-SWITCH
LASEEU110RED E-SWITCH-LASEEU110RED Datasheet
512Kb / 4P
PUSHBUTTON SWITCHES - SEALED ILLUMINATED
logo
C&K Components
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
Sealed Subminiature Pushbutton Switches
logo
C&K Components
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
Sealed Tiny Pushbutton Switches
5 Aug 20
GP CK-COMPONENTS-GP Datasheet
715Kb / 5P
Sealed Ultraminiature Pushbutton Switches
2 Mar 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com