Electronic Components Datasheet Search
  English  ▼

X  

RK10 Datasheet(PDF) 1 Page - GREATECS

Part # RK10
Description  31.5 x 17 mm SP illuminated Rocker Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK10 Datasheet(HTML) 1 Page - GREATECS

  RK10 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rocker Switches
31.5 x 17 mm SP illuminated Rocker Switches
RK10 Series
General Specifications:
FEATURES
» Single pole Rocker switch up to 15A 125VAC
» Curve actuator
» Illuminated or non-illuminated
MATERIALS
» Contact: Silver alloy
» Terminals: Silver or tin plated copper
» Lamp: Neon
» Spring: Piano wire
MECHANICAL
» Temperature Range: -20°C to +85°C
ELECTRICAL
» Electrical Life: 6,000 cycles
» Rating: 10A250VAC
15A125VAC
» Initial Contact Resistance: 20mΩ max.
» Insulation Resistance: 100MΩ min. at 500VDC
RK10
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
6
5
7
8
9
R
A
PANEL CUT-OUT
Snap-in mounting
Y
X (Panal thickness)
Dimension Y
Dimension Z
0.75 to 1.25 mm
28.6 +0/-0.1 mm 13.60 +0.1/-0 mm
1.25 to 2 mm
28.8 +0/-0.1 mm 13.60 +0.1/-0 mm
2 to 3 mm
29.2 +0/-0.1 mm 13.60 +0.1/-0 mm
1
2
CIRCUIT
A
B
C
D
E
F
I
ON
OFF
1
2
CIRCUIT
1
2
CIRCUIT
1
2
3
CIRCUIT LIGHTED T2-NEON-T3
1
2
3
CIRCUIT LIGHTED T1-NEON-T3
31.50
6.35
10.50
31.50
6.35
10.50
31.50
6.35
10.50
31.50
9.05
10.50
RK10_Q63AUAC_E
1
2
3
4
5
6
7
8
9
S1
S2
Q6
Q7
EH
WR
0
2
3
A
N
U
POLES & SWITCHING:
Single Pole ON-OFF
Single Pole ON-ON
TERMINAL (See above drawings):
6.3mm TAB, 0.8mm THICK, LONG
6.3mm TAB, 0.8mm THICK, SHORT
Elongate Hole
Wire
TERMINAL BENDING:
No Bending
Bend Terminals 1 & 2
Bend Terminals 1 & 3
ACTUATOR MARKING
(See above drawings)
:
B
C
D
E
F
I
ILLUMINATION:
No Illuminated
Illuminated
A
H
B
A
H
B
C
F
D
0
1
2
R
BASE COLOR:
Black
Grey
White
ACTUATOR COLOR:
Black
Grey
White
Red
Green
Orange
NEON LAMP POSITION:
None Lighted
Lighted T1-NEON-T3
Lighted T2-NEON-T3
BASE MARKING
(See above drawings)
:
A E B Z
RK10_Q60CNAA0A
RK10_Q60AUAC_A
RK10_WR0ANAA0A
Ø3.0
Q6
6.3mm TAB,
0.8mm THICK
(LONG)
Q7
6.3mm TAB,
0.8mm THICK
(SHORT)
EH
Elongate Hole
WR
Wire
T1 T2 T3
Ø3.0
Ø3.0
Barrier of Base
E
B
Z
TERMINAL
ACTUATOR MARKING
BASE MARKING
PANEL SIZE
B10
Rocker Switches
32 x 16.5 mm SP illuminated Rocker Switches
RK9 Series
RK9S_Q64AUAC_ _
General Specifications:
FEATURES
» Single pole Rocker switch up to 20A 125VAC
» Classical outlook
» Fitting 3 panel cutout
MATERIALS
» Contact: Silver alloy
» Terminals: Silver plated copper
» Spring: Piano wire
MECHANICAL
» Temperature Range: -20°C to +125°C
ELECTRICAL
» Electrical Life: 10,000 cycles
» Rating: 20A125VAC / 16A250VAC
3/4HP 125/250VAC
6A125VL, 3/4HP250VAC
16A250VAC
16(4)A250V~T125
» Initial Contact Resistance: 20mΩ max.
» Insulation Resistance: 100MΩ min. at 500VDC
RK9
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
6
5
7
8
9
10
PANEL CUT-OUT
Snap-in mounting
Y
CIRCUIT
CIRCUIT
CIRCUIT
SPST
1
2
3
RK9S_Q64ANAAF_
RK9S_Q64ANAAN_
RK9S3Q64GNACN_
31.80
9.50
6.30
9.50
9.50
31.80
6.30
9.50
32.9±0.1
11.0
6.3
9.5 +0
0.1
31.80
9.50
9.50
6.30
ACTUATOR
4 Curve
TERMINAL
Q6 6.3mm TAB, 0.8mm Thick
Q 4.8mm TAB, 0.8mm Thick
D
Solder Tag
ACTUATOR MARKING
A
B
C
D
E
F
OFF ON
HI
LO
G
H
I
J
K
L
BASE TYPE
13.4
1
2
3
4
5
13.8
13.8
13.8
12.1
Base Type
1, 4 & 5
Base Type
2
Base Type
3
X
Dim. Y
Dim. Z
Dim. Y
Dim. Z
Dim. Y
Dim. Z
0.75
to 1.25
28.6
+0/-0.1
13.8
28.6
+0/-0.1
12.1
28.6
+0/-0.1
13.4
X = Panel thickness
S
1
2
3
Q6
Q
D
4
A
G
N
U
S
POLES:
Single Pole
SWITCHING:
ON - OFF
ON - ON (Non-illuminated Only)
ON - OFF - ON (Non-illuminated Only)
TERMINAL (See above drawings):
6.3mm TAB, 0.8mm thick
4.8mm TAB, 0.8mm thick
Solder Tag
ACTUATOR (See above drawings):
Curve Rocker
ACTUATOR MARKING
(See above drawings):
B
C
D
E
F
H
I
J
K
L
ILLUMINATION:
No illuminated
Illuminated
Soft Lighting
A
H
B
A
H
B
C
F
D
N
C
F
1
2
3
4
5
BASE COLOR:
Black
Grey
White
ACTUATOR COLOR:
Black
Gray
White
Red
Green
Orange
VISI COLOR:
No VISI
Red
Green
BASE TYPE:
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
1
2
3
4
6
5
7
8
9
10
PANEL SIZE
B09


Similar Part No. - RK10

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
RK100/12 BLOCK-RK100/12 Datasheet
71Kb / 2P
Ringkern-Sicherheitsund Trenntransformator RK Toroidal safety isolating and isolating transformer RK Range
RK100/15 BLOCK-RK100/15 Datasheet
71Kb / 2P
Ringkern-Sicherheitsund Trenntransformator RK Toroidal safety isolating and isolating transformer RK Range
RK100/22 BLOCK-RK100/22 Datasheet
71Kb / 2P
Ringkern-Sicherheitsund Trenntransformator RK Toroidal safety isolating and isolating transformer RK Range
RK100/25 BLOCK-RK100/25 Datasheet
71Kb / 2P
Ringkern-Sicherheitsund Trenntransformator RK Toroidal safety isolating and isolating transformer RK Range
RK100/30 BLOCK-RK100/30 Datasheet
71Kb / 2P
Ringkern-Sicherheitsund Trenntransformator RK Toroidal safety isolating and isolating transformer RK Range
More results

Similar Description - RK10

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
Illuminated Power Rocker Switches
logo
GREATECS
RK3 GREATECS-RK3 Datasheet
222Kb / 1P
21 x 15 mm SP illuminated Rocker Switches
RK4 GREATECS-RK4 Datasheet
481Kb / 1P
21 x 15 mm SP Rocker Switches
RK6 GREATECS-RK6 Datasheet
144Kb / 1P
21 x 9.5 mm Half Body SP Rocker Switches
RK9 GREATECS-RK9 Datasheet
484Kb / 1P
32 x 16.5 mm SP illuminated Rocker Switches
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
32 x 25 mm illuminated Rocker Switches
RK12 GREATECS-RK12 Datasheet
213Kb / 1P
23 mm Round illuminated Rocker Switches
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
Illuminated Power Rocker Switches
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
Illuminated Rocker Switches
logo
C&K Components
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
Illuminated Power Rocker Switches
2003
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com