Electronic Components Datasheet Search
  English  ▼

X  

2N6849 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6849
Description  P.CHANNEL POWER MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6849 Datasheet(HTML) 1 Page - Seme LAB

  2N6849 Datasheet HTML 1Page - Seme LAB 2N6849 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
P–CHANNEL
POWER MOSFETs
VDSS
- 100V
ID(cont)
- 6.5A
RDS(on)
0.30
W
W
W
W
Prelim. 9/00
LAB
SEME
2N6849
VGS
Gate – Source Voltage*
VDS
Drain – Source Voltage*
VDG
Drain – Gate Voltage (RGS = 20kW)*
ID
Continuous Drain Current @ TC = 25°C*
@ TC = 100°C*
IDM
Pulsed Drain Current2*
EAS
Single Pulse Avalanche Current3
PD
Power Dissipation
@ TC = 25°C*
Linear Derating Factor*
TJ , TSTG
Operating and Storage Junction Temperature Range*
RqJC
Thermal Resistance Junction to Case*
RqJA
Thermal Resistance Junction to Ambient
±20V
-100V
-100V
–6.5A
–4.1A
–25A
500mJ
25W
0.2W/°C
–55 to +150°C
5°C/W
175°C/W
MECHANICAL DATA
Dimensions in mm (inches)
TO–39 METAL PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
0. 89
(0 . 0 3 5 )
ma x .
12. 70
(0 . 5 0 0 )
mi n .
4 . 1 9 ( 0 . 165)
4 . 9 5 ( 0 . 195)
8. 89 ( 0 . 35)
9. 40 ( 0 . 37)
7. 75 ( 0. 305)
8. 51 ( 0. 335)
7. 75 ( 0. 305)
8. 51 ( 0. 335)
di a.
0. 66 ( 0 . 026)
1. 14 ( 0 . 045)
0. 71 ( 0 . 028)
0. 86 ( 0 . 034)
2. 54
(0 . 1 0 0 )
5. 08 ( 0. 200)
ty p .
45 °

!
Pin 1 = Emitter
Underside View
Pin 2 = Base
Pin 3 = Collector
FEATURES
• Single pulse avalanche energy rated
• SOA is power dissipation limited
• Nanosecond switching speeds
• Linear transfer characteristics
• High input impedance


Similar Part No. - 2N6849

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6849 MICROSEMI-2N6849 Datasheet
101Kb / 2P
P-CHANNEL MOSFET
2N6849 MICROSEMI-2N6849 Datasheet
164Kb / 4P
P-CHANNEL MOSFET
logo
Seme LAB
2N6849 SEME-LAB-2N6849 Datasheet
207Kb / 3P
P-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
2N6849 NJSEMI-2N6849 Datasheet
95Kb / 1P
P-CHANNEL ENHANCEMENT MOSFET
logo
Seme LAB
2N6849HP SEME-LAB-2N6849HP Datasheet
126Kb / 3P
P-CHANNEL POWER MOSFET
More results

Similar Description - 2N6849

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT6N100F IXYS-IXFT6N100F Datasheet
820Kb / 4P
Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
logo
List of Unclassifed Man...
SMOS21N50 ETC-SMOS21N50 Datasheet
141Kb / 2P
Power MOSFETs
logo
Sensitron
SHD218413 SENSITRON-SHD218413 Datasheet
42Kb / 2P
POWER MOSFETS
logo
List of Unclassifed Man...
ECG2399 ETC1-ECG2399 Datasheet
115Kb / 1P
Power MOSFETS
logo
Sirectifier Semiconduct...
SMOS21N50 SIRECTIFIER-SMOS21N50 Datasheet
143Kb / 2P
Power MOSFETs
logo
ON Semiconductor
NTTFS3A08P ONSEMI-NTTFS3A08P Datasheet
99Kb / 3P
Power MOSFET .20 V, .14 A, Single P.Channel, 8FL
June, 2012 ??Rev. P0
logo
IXYS Corporation
IXFT16N120P IXYS-IXFT16N120P_V01 Datasheet
135Kb / 6P
Power MOSFETs
IXFV52N30P IXYS-IXFV52N30P_V01 Datasheet
195Kb / 6P
Power MOSFETs
logo
Vishay Siliconix
SIHF9630 VISHAY-SIHF9630_V01 Datasheet
153Kb / 9P
Power MOSFETS
21-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com