Electronic Components Datasheet Search
  English  ▼

X  

SB1ST2 Datasheet(PDF) 1 Page - GREATECS

Part # SB1ST2
Description  8 mm Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

SB1ST2 Datasheet(HTML) 1 Page - GREATECS

  SB1ST2 Datasheet HTML 1Page - GREATECS SB1ST2 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slide Switches
8 mm Slide Switches
SB1 Series
SB1HT_ THT Vertical Slide Switch
SB1
How to order:
1
2
3
sales@greatecs.com
www.greatecs.com
SB1HR_ THT Horizontal Slide Switch
SB1ST_ SMT Vertical Slide Switch
SB1SR_ SMT Horizontal Slide Switch
8
1
2.5
2.5
0.6
3.5
0.3
3.2
8
2.5
2.5
L
3.6
3.3
0.3
1
0.6
2.5
2.5
7
8
6.5
9.0
2.5
2.5
0.5
L
3.5
7.5
2.50
HOLE Ø0.7
2.50
HOLE Ø0.7
2.5
2.5
2.5
2.5
General Specifications:
Rating: DC6V 0.3A
Circuit: 2C-2P
Timing: Non-Shorting
Travel: 2 ± 0.1 mm
Operating Force: 200 ± 100 gf
TYPE OF TERMINALS:
S
SMT
H THT
TYPE OF ACTION:
T
Vertical
R
Horizontal
HEIGHT OF KNOB (L):
2
L = 2.0 mm
4
L = 4.0 mm
1
2
3
D01


Similar Part No. - SB1ST2

ManufacturerPart #DatasheetDescription
logo
Pro-Power
SB1 PROPOWER-SB1 Datasheet
108Kb / 2P
Surface Boxes
01/02/08 V1.0
logo
Cooper Bussmann, Inc.
SB1-D COOPER-SB1-D Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
SB1-DMS COOPER-SB1-DMS Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Pro-Power
SB1/C/RC PROPOWER-SB1/C/RC Datasheet
108Kb / 2P
Surface Boxes
01/02/08 V1.0
SB1/C/SC PROPOWER-SB1/C/SC Datasheet
108Kb / 2P
Surface Boxes
01/02/08 V1.0
More results

Similar Description - SB1ST2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
GREATECS
SB3 GREATECS-SB3 Datasheet
273Kb / 2P
8.8 mm Horizontal Slide Switches
SB89 GREATECS-SB89 Datasheet
114Kb / 2P
14 mm Halogen-Free Slide Switches
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
CVS COPAL-CVS Datasheet
1Mb / 4P
SLIDE SWITCHES (1 mm PITCH)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com