Electronic Components Datasheet Search
  English  ▼

X  

SB3 Datasheet(PDF) 2 Page - GREATECS

Part # SB3
Description  8.8 mm Horizontal Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

SB3 Datasheet(HTML) 2 Page - GREATECS

  SB3 Datasheet HTML 1Page - GREATECS SB3 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Slide Switches
12.6 mm Horizontal Side Switches
SB4 Series
SB4H1 Thru Hole Type Terminals
SB4
How to order:
1
2
sales@greatecs.com
www.greatecs.com
SB4H2 Thru Hole Type Terminals
SB4S2 Surface Mounting Terminals
SB4S1 Surface Mounting Type Terminals
C
C
10.9
12.6
L
3.0
0.2
10.2
2.0
4.0
2.0
Ø 0.8
C
L
3.0
0.2
10.2
2.0
4.0
2.0
Ø 0.8
10.9
12.6
12.6
2.0
4.0
2.0
L
3.0
0.25
2.0
4.0
2.0
Ø 0.6
C
12.6
2.0
4.0
2.0
L
3.0
0.25
2.0
4.0
2.0
Ø 0.6
General Specifications:
Rating: DC4V 0.3A
Circuit: 1C-3P
Timing: Non-Shorting
Travel: 2 mm
Operating Life: 10,000 Cycles
TYPE OF SLIDE SWITCH:
S
SMT Slide Switch
H THT Slide Switch
OPERATING FORCE:
1 C→R: 250±100gf
L→C←R: 200±100gf
2 L→C←R: 200gf
1
2
L = Left; C = Centre; R = Right
D04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com