Electronic Components Datasheet Search
  English  ▼

X  

STD5KA6.0 Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # STD5KA6.0
Description  UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STD5KA6.0 Datasheet(HTML) 3 Page - Solid States Devices, Inc

  STD5KA6.0 Datasheet HTML 1Page - Solid States Devices, Inc STD5KA6.0 Datasheet HTML 2Page - Solid States Devices, Inc STD5KA6.0 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00030B
DOC
STD5KA5.0 – STD5KA110
STD5KB5.0 – STD5KB110
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
ELECTRICAL CHARACTERISTICS
Part
Number
Breakdown Voltage
VBR (note 1)
Reverse
Stand
Off
Voltage
Maximum
Reverse
Leakage
Current
Maximum
Peak Pulse
Current
Maximum
Clamping
Voltage @
IPPM (note 2)
Max
Temperature
Coefficient
Min
Max
@IT
VWM
IR@VWM
IPPM
VC
VBR
For 5% Voltage
Tolerance specify
“B” in place of “A”
VBR
VBR
mA
Volts
ID(µA)
Amps
Volts
%/°C
STD5KA51
STD5KB51
STD5KA54
STD5KB54
STD5KA58
STD5KB58
STD5KA60
STD5KB60
STD5KA64
STD5KB64
STD5KA70
STD5KB70
STD5KA75
STD5KB75
STD5KA78
STD5KB78
STD5KA85
STD5KB85
STD5KA90
STD5KB90
STD5KA100
STD5KB100
STD5KA110
STD5KB110
56.1
56.7
60.0
60.0
64.4
64.4
66.7
66.7
71.1
71.1
77.6
77.8
83.3
83.3
86.7
86.7
94.9
94.4
100
100
111
111
122
122
69.3
62.7
73.3
66.3
78.7
71.2
81.5
73.7
96.9
78.6
95.1
86.0
102
92.1
106.0
95.8
115
104
122
111
136
123
149
135
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
51.0
51.0
54.0
54.0
58.0
58.0
60.0
60.0
64.0
64.0
70.0
70.0
75.0
75.0
78.0
78.0
85.0
85.0
90.0
90.0
100
100
110
110
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
55
61
52
57
49
53
47
52
44
49
40
44
37
41
36
40
33
36
31
34
28
31
26
28
91.1
82.4
96.3
87.1
103
94
107
97
114
103
125
113
134
121
126
126
151
137
160
146
179
162
196
177
0.107
0.107
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.110
0.110
0.110
0.110
0.110
0.110
0.112
0.112
For optional high reliability screening or higher zener voltages, consult SSDI MARKETING Department.
Notes:
1.
VBR measured after IT applied for 300 ms. IT = Square Wave Pulse or equivalent.
2.
Surge Current waveform per “Current Pulse Waveform” graph and Derate per “Peak Pulse Power vs. Temperature Derating Curve” graph.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com