Electronic Components Datasheet Search
  English  ▼

X  

TP4 Datasheet(PDF) 1 Page - GREATECS

Part # TP4
Description  Standard 12 x 12 mm Tactile Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP4 Datasheet(HTML) 1 Page - GREATECS

  TP4 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tactile Switches
Standard 12 x 12 mm Tactile Switches
TP4 Series
TP4H THT Terminals
TP4S SMT Terminals
TP4
How to order:
1
2
3
4
6
sales@greatecs.com
www.greatecs.com
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
K12S Square Caps
5
(Caps)
+
K12R Round Caps
5±0.10
P.C.B. LAYOUT
R 1.0
12±0.15
10±0.15
2.0
3.20±0.10
3.80±0.10
4 x R1.0
Ø 11.5±0.15
R 1.0
R 0.5
1°
2.0
Ø13±0.15
3.20±0.10
3.80±0.10
Ø10±0.15
15.50
12.40
P.C.B. LAYOUT
General Tolerance: ± 0.2 mm
3.8
3.0
1.0
Round Stem
Square Stem
Square Stem
5
Round Stem
Ø7.10
15.0
0°~10°
Ø7.10
15.0
0°~10°
Round Stem
Square Stem for Caps
1.0
5.0
Square Stem
Round Stem
3.8
3.0
Round Stem
Square Stem
General Specifications:
MATERIALS
» Contact Disc: Phosphor Bronze with silver cladding
» Terminal: Brass with silver plated
MECHANICAL
» Stroke: 0.35 ± 0.1 mm
» Operation Temperature: -25°C to +70°C
» Storage Temperature: -30°C to +80°C
ELECTRICAL
» Electrical Life:
Phosphor Bronze Dome:
100,000 cycles for 520gf, 320gf & 260gf
200,000 cycles for 160gf
Stainless Steel Dome:
500,000 cycles for 260gf
1,000,000 cycles for 160gf
» Rating: 50mA, 12VDC
» Contact Arrangement: 1 pole 1 throw
LEADFREE SOLDERING PROCESSES
» Wave Soldering: Recommended solder temperature
at 260°C max. 5 seconds subject to PCB 1.6mm
thickness (for THT).
» Reflow Soldering: When applying reflow soldering,
the peak temperature or the reflow oven should be
set to 260°C max. 10 seconds (for SMT).
H
S
No Code
P
1
4
5
K
C
J
E
N
S
TYPE OF TERMINALS:
THT
SMT
POST (TP4H only)
Without Post
With Post
DIMENSION “H“:
H=4.3mm (Round Stem)
H=7.3mm (Square Stem 3.8mm)
H=8.5mm (Round Stem)
STEM COLOR & OPERATING FORCE:
Brown & 160±50gf
Red & 260±50gf
Salmon & 320±80gf
Yellow & 520±130gf
MATERIALS OF DOME:
Phosphor Bronze Dome
Stainless Steel Dome
(Only for 160gf & 260gf)
BK
TB
TR
K12S
K12R
A
B
C
E
F
G
H
S
PACKAGE STYLE:
Bulk Pack (TP4H Only)
Tube
Tape & Reel (TP4S Only)
Optional:
CAP TYPE
(Only for Square Stems):
Square Caps
Round Caps
COLOR OF CAPS:
Black
Ivory
Red
Yellow
Green
Blue
Gray
Salmon
1
2
3
4
5
6
12.50±0.50
13.90±0.50
0.30
Ø7.10
0.30
12.50±0.50
13.90±0.50
Ø7.10
Round Stem
Square Stem for Caps
E04
Individual stem heights available by request
7
8
7
8


Similar Part No. - TP4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP4 ETC2-TP4 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
TP4 ETC2-TP4 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
logo
TiMOTION Technology Co....
TP4 TIMOTION-TP4 Datasheet
241Kb / 4P
Operational temperature range 5°C~45°C
20220207-I
logo
List of Unclassifed Man...
TP40 ETC2-TP40 Datasheet
245Kb / 2P
78 and 88V Automotive Meters
logo
Extech Instruments Corp...
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
More results

Similar Description - TP4

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
12 x 12 mm THT Tactile Switches with Ground Terminal
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
7.2 x 7.2 mm Sealed Tactile Switches
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
12 x 12 mm Washable Halogen-Free Tactile Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
12 mm Tact Switches
logo
Panasonic Semiconductor
EVPAWBD40 PANASONIC-EVPAWBD40 Datasheet
297Kb / 8P
Tactile Switches 3.0 mm x 2.0 mm SMD
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V02 Datasheet
388Kb / 5P
12 mm Tact Switches
14 Nov 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com