Electronic Components Datasheet Search
  English  ▼

X  

SZ5706 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SZ5706
Description  6.8 ??270 VOLTS ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ5706 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SZ5706 Datasheet HTML 1Page - Solid States Devices, Inc SZ5706 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
■ Hermetically Sealed in Glass
■ Rated at 5 W
■ Available in Axial and Square Tab Surface Mount (SMS) version
■ Available to TX, TXV, and Space Levels
7/
■ Replacement for Microsemi UZ5706 and UZ5806 Series.
Note:
SSDI’s Zeners offer standard Voltage
Tolerance of ±10% and ±5%. For other Voltages and Voltage Tolerances,
contact SSDI’s Marketing Department.
Part Number/Ordering Information
SZ5 __
__
__ __
└ Screening
7/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
K = 40 Mil Lead Diameter
│
│
│
│
│
│
│
│
│
└
Voltage Code (See Table II)
06 thru 90
10 thru 27
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Tolerance Code (See Table II)
52 & 58 = 10%
51 & 57 = 5%
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Maximum Ratings (Table I)
Symbol
Value
Units
Nominal Zener Voltage
VZ
6.8 - 270
V
Maximum Zener Current
IZM
16 - 675
mA
Forward Surge Current
(8.3 msec Puls)
IFSM
.30 - 40
A
Continuous Power
PD
5.0
W
Operating and Storage Temp.
Top
&Tstg
-65 to +175
ºC
Thermal Resistance,
Junction to Lead
L=3/8” (Axial)
__ - axial
K - axial
RθJL
34
45
ºC/W
Thermal Resistance,
Junction to End Cap
(SMS)
RθJE
7
ºC/W
SZ5706 thru SZ5890
And
SZ5110 thru SZ5227
5.0 WATT
6.8 – 270 VOLTS
ZENER DIODES
DIM
MIN.
MAX
A
---
.158”
B
---
.185”
C (__)
.047”
.053”
C (K)
.038”
.042”
D
1.00”
---
AXIAL(K & ___)
DIM
MIN.
MAX.
A
.155”
.185”
B
.190”
.225”
C
.020”
.030”
D
Body to Tab Clearance: .001”
SQUARE TAB (SMS)
All dimensions are prior to
soldering
DATA SHEET #: Z00007G
DOC


Similar Part No. - SZ5706

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706 Datasheet
120Kb / 2P
5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
More results

Similar Description - SZ5706

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ6A7.5 SSDI-SZ6A7.5 Datasheet
146Kb / 2P
6.0W, 8.0W, and 10W 7.5 - 270 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
SZ6A7.5 SSDI-SZ6A7.5_1 Datasheet
147Kb / 2P
7.5 ??270 VOLTS ZENER DIODES
SZN4954 SSDI-SZN4954 Datasheet
204Kb / 3P
6.8 ??390 VOLTS ZENER DIODES
SZN5063 SSDI-SZN5063 Datasheet
171Kb / 3P
6.8 ??400 VOLTS ZENER DIODES
logo
Central Semiconductor C...
CLL4099 CENTRAL-CLL4099_10 Datasheet
307Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
logo
Solid States Devices, I...
Z00005F SSDI-Z00005F Datasheet
147Kb / 2P
6.0W, 8.0W, and 10W 7.5 ??270 VOLTS ZENER DIODES
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
Z00010D SSDI-Z00010D Datasheet
204Kb / 3P
5 W 6.8 ??390 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N957 GOOD-ARK-1N957_15 Datasheet
59Kb / 2P
Zener Diodes Nominal Zener Voltage 6.8 to 91 Volts Power Dissipation 500mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com