Electronic Components Datasheet Search
  English  ▼

X  

SZN6328 Datasheet(PDF) 4 Page - Solid States Devices, Inc

Part # SZN6328
Description  2.4 ??200 VOLTS ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZN6328 Datasheet(HTML) 4 Page - Solid States Devices, Inc

  SZN6328 Datasheet HTML 1Page - Solid States Devices, Inc SZN6328 Datasheet HTML 2Page - Solid States Devices, Inc SZN6328 Datasheet HTML 3Page - Solid States Devices, Inc SZN6328 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00011F
DOC
AXIAL (__)
DIM
MIN.
MAX
A
.055”
.090”
B
.090”
.200”
C
1.00”
–
D
.017”
.022”
SQUARE TAB (SMS)
All dimensions are prior to soldering
DIM
MIN.
MAX.
A
.070”
.085”
B
.175”
.215”
C
.022”
.028”
D
Body to Tab
Clearance: .001”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com