Electronic Components Datasheet Search
  English  ▼

X  

100HFS Datasheet(PDF) 1 Page - Make-Ps

Part # 100HFS
Description  Single & Dual Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

100HFS Datasheet(HTML) 1 Page - Make-Ps

  100HFS Datasheet HTML 1Page - Make-Ps 100HFS Datasheet HTML 2Page - Make-Ps 100HFS Datasheet HTML 3Page - Make-Ps 100HFS Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The 100HFS series is a family of cost effective 1 watt single
and dual output DC/DC converters in ultra-miniature SIP
packages. 24 models operate from input bus voltages of 5V,
12 and 24V; producing output voltage levels of 5V, 9V, 12V,
15V, ±5, ±9V, ±12V or ±15V.
With footprint as little as 0.108 in2, the 100HFS series is ideal
for innumerable board level power distribution applications
where space is critical.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
100HFS series
•• M
Miin
niia
attu
urre
e S
Siin
ng
glle
e--IIn
nlliin
ne
e--P
Pa
ac
ckka
ag
ge
e ((S
SIIP
P))
•• 11000000 VVD
DC
C IIn
np
pu
utt//O
Ou
uttp
pu
utt IIsso
olla
attiio
on
n
•• H
Hiig
gh
h E
Effffiic
ciie
en
nc
cyy
•• W
Wiid
de
e O
Op
pe
erra
attiin
ng
g T
Te
em
mp
pe
erra
attu
urre
e R
Ra
an
ng
ge
e
•• M
MT
TB
BFF >
> 22,,000000,,000000 H
Ho
ou
urrss
•• LLoow
w C
Co
osstt
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage
5 VDC Input Models
VDC
12 VDC Input Models
VDC
15 VDC Input Models
VDC
24 VDC Input Models
VDC
Input Fuse Requirements
5 VDC Input Models
mA; Slow blow type
12 VDC Input Models
mA; Slow blow type
15 VDC Input Models
mA; Slow blow type
24 VDC Input Models
mA; Slow blow type
Reverse Polarity Input
A
Current
Input Filter
Internal Capacitor
Unit/Comments
Output Voltage Set Point
% Output voltage at
nominal line & FL
Output Voltage Balance
% Equal Output
(Duals)
Loads
Line Regulation
%; % Change /
Percentage change
in Input
voltage
Load Regulation
% Output voltage
measured from FL
to 20% load
Ripple/Noise - Single
mV p-p, Nom.Line
Dual
@FL, 20MHz B.W.,
using 1
μf bypass
capacitor
Ripple/Noise - Single
mV p-p, Over Line,
- Dual
Load & Temp., 20
MHz B.W.,
using 1
μf bypass
capacitor
Short Circuit Protection
Second
Temperature Coefficient
% per degree C
Min Typ
±1.0
±0.1
±1.2
100
50
±0.01
Max
±3.0
±1.0
±1.5
150
75
200
150
0.5
±0.02
Single & Dual Output
DC/DC Converter
Min
4.5
10.8
13.5
21.6
Typ
5
12
15
24
500
200
150
100
Max
5.5
13.2
16.5
26.4
0.3
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
Single
kHz
Dual
kHz
Isolation Voltage
VDC, 1 sec
Isolation Resistance
Mohm, 500VDC
Isolation Capacitance
pF, 100kHz, 1Volt
MTBF (MIL-HBK-217F)
Thousand Hours,
+25oC, Ground
Benign
Min
50
70
1100
1000
2000
Typ
90
100
60
Max
110
120
100
See Model
Selection Chart
>> B-5
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 100HFS

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
100HF100 NJSEMI-100HF100 Datasheet
61Kb / 1P
Rectifiers Standard Recovery
100HF120 NJSEMI-100HF120 Datasheet
61Kb / 1P
Rectifiers Standard Recovery
100HF140 NJSEMI-100HF140 Datasheet
61Kb / 1P
Rectifiers Standard Recovery
100HF160 NJSEMI-100HF160 Datasheet
61Kb / 1P
Rectifiers Standard Recovery
100HF20 NJSEMI-100HF20 Datasheet
61Kb / 1P
Rectifiers Standard Recovery
More results

Similar Description - 100HFS

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
Single & Dual Output DC/DC Converter
200HFR MAKE-PS-200HFR Datasheet
246Kb / 4P
Single & Dual Output DC/DC Converter
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
Single & Dual Output DC/DC Converter
1000WFR MAKE-PS-1000WFR Datasheet
161Kb / 3P
Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com