Electronic Components Datasheet Search
  English  ▼

X  

115S5HFS Datasheet(PDF) 2 Page - Make-Ps

Part # 115S5HFS
Description  Single & Dual Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

115S5HFS Datasheet(HTML) 2 Page - Make-Ps

  115S5HFS Datasheet HTML 1Page - Make-Ps 115S5HFS Datasheet HTML 2Page - Make-Ps 115S5HFS Datasheet HTML 3Page - Make-Ps 115S5HFS Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
ALL
S
SPPEECCIIFFIICCA
AT
TIIO
ON
NS
S
O
OU
UT
TLLIIN
NE
E
D
DRRA
AW
WIIN
NG
G
All specifications are typical at nominal input, nominal load and 25
° C unless otherwise specified.
External, low ESR, 10 microfarad (minimum) capacitor across output is recommended for operation.
P
PIIN
N
O
OU
UT
T
C
CH
HA
AR
RT
T
P
PH
HY
YS
SIIC
CA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
0.45 X 0.24 X 0.40 inches
(11.5 X 6.1 X 10.2 mm)
0.45 X 0.28 X 0.40 inches
(11.5 X 7.1 X 10.2 mm)
0.77 X 0.24 X 0.40 inches
(19.5 X 6.1 X 10.2 mm)
0.77 X 0.28 X 0.40 inches
(19.5 X 7.1 X 10.2 mm)
Non-Conductive Black Plastic
UL94V-0
1.3 Grams
1.7 Grams
2.2 Grams
2.6 Grams
0.45 (11.5)
SIDE
BOTTOM
Case Size
Single: 5 & 12 VDC Input
24 VDC Input
Dual: 5 & 12 VDC Input
24 VDC Input
Case Material
Flammability
Weight
Single: 5 & 12 VDC Input
24 VDC Input
Dual: 5 & 12 VDC Input
24 VDC Input
Unit/Comments
o
C; Ambient
o
C; Ambient
o
C; Case
o
C
% Humidity; non-
condensing
Free-Air Convection
Operating Temp.
Single
Dual
Operating Temp. Range
Storage Temp. Range
Relative Humidity
Cooling
Min
-40
-40
-25
-40
Typ
Max
+75
+85
+90
+125
95
Notes:
1. Unless otherwise specified dimensions are in inches (mm).
Tolerances
Inches
mm
X.XX = ±0.02
X.X = ±0.5
X.XXX= ±0.010
X.XX = ±0.25
0.41 (10.5)
0.100 (2.54)
0.08 (1.9)
1
2
3
4
Pins
1
2
3
4
5
6
Single
-Vin
+ Vin
- Vout
+ Vout
-
-
Dual
+ Vin
-Vin
-
- Vout
Common
+ Vout
SIDE
BOTTOM
0.77 (19.5)
0.08 (2.1)
0.100 (2.54)
TYP
0.73 (18.5)
0.02 (0.5)
1
2
4
5
6
S
SIIN
NG
GLLE
E
D
DU
UA
ALL
0.200
(5.08)
>> B-6
www.make-ps.com
E-mail:info@make-ps.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com