Electronic Components Datasheet Search
  English  ▼

X  

205S5FR Datasheet(PDF) 3 Page - Make-Ps

Part # 205S5FR
Description  Single & Dual Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

205S5FR Datasheet(HTML) 3 Page - Make-Ps

  205S5FR Datasheet HTML 1Page - Make-Ps 205S5FR Datasheet HTML 2Page - Make-Ps 205S5FR Datasheet HTML 3Page - Make-Ps 205S5FR Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H
HO
OW
W T
TO
O
O
ORRD
DE
ER
R
2 15
D XX FR -
Output Voltage
Series
H
HO
OW
W
T
TO
O
O
ORRD
DE
ER
R
M
MO
OD
DE
ELL
S
SEELLEECCTTIIO
ON
N
C
CH
HA
AR
RT
T
Model
Nominal
Input
Voltage
(VDC)
Output
Voltage
(VDC)
Full Load
Output
Current
(mA)
No Load
Input
Current
(mA)
Full Load
Input
Current
(mA)
Reflected
Ripple
Current
(mA)
Efficiency
(%)
205S5FR
212S5FR
215S5FR
212D5FR
215D5FR
205S12FR
212S12FR
215S12FR
212D12FR
215D12FR
205S24FR
212S24FR
215S24FR
212D24FR
215D24FR
205S48FR
212S48FR
215S48FR
212D48FR
215D48FR
5
5
5
5
5
12
12
12
12
12
24
24
24
24
24
48
48
48
48
48
5
12
15
±12
±15
5
12
15
±12
±15
5
12
15
±12
±15
5
12
15
±12
±15
400
165
133
±83
±66
400
165
133
±83
±66
400
165
133
±83
±66
400
165
133
±83
±66
80
80
80
80
80
40
40
40
40
40
20
20
20
20
20
10
10
10
10
10
800
730
690
740
770
330
295
265
280
280
163
135
135
135
135
83
70
70
80
80
80
80
80
80
80
30
30
30
30
30
15
15
15
15
15
10
10
10
10
10
50
54
57
53
51
50
56
62
59
59
51
61
61
61
61
50
59
59
51
51
Output
Configuration
(S=Single, D=Dual)
Wattage
Nominal
Input Voltage
Y
ROHS Compliant
>> B-23
www.make-ps.com
E-mail:info@make-ps.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com