Electronic Components Datasheet Search
  English  ▼

X  

BDS10SMD Datasheet(PDF) 1 Page - Seme LAB

Part # BDS10SMD
Description  SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS10SMD Datasheet(HTML) 1 Page - Seme LAB

  BDS10SMD Datasheet HTML 1Page - Seme LAB BDS10SMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 7/00
VCBO
Collector - Base voltage (IE = 0)
VCEO
Collector - Emitter voltage (IB = 0)
VEBO
Emitter - Base voltage (IC = 0)
IE , IC
Emitter , Collector current
IB
Base current
Ptot
Total power dissipation at Tcase £ 75°C
Tstg
Storage Temperature
Tj
Junction Temperature
60V
80V
100V
60V
80V
100V
5V
15A
5A
90W
–65 to 200°C
200°C
LAB
SEME
BDS10 BDS10SMD
BDS11 BDS11SMD
BDS12 BDS12SMD
MECHANICAL DATA
Dimensions in mm
2. 54
BSC
10. 6
3. 6
Dia.
0. 8
4. 6
1. 0
2. 70
BS C
12 3
3. 60 ( 0. 142)
Ma x .
3. 70 ( 0. 146)
3. 41 ( 0. 134)
3. 70 ( 0. 146)
3. 41 ( 0. 134)
0. 89
( 0 . 035)
mi n .
9. 67 ( 0. 381)
9. 38 ( 0. 369)
11. 58 ( 0 . 4 56)
11. 28 ( 0 . 4 44)
0. 50 ( 0. 020)
0. 26 ( 0. 010)
13
2
ABSOLUTE MAXIMUM RATINGS (T
case=25°C unless otherwise stated)
BDS10
BDS11
BDS12
SILICON NPN
EPITAXIAL BASE IN
TO220 METAL AND
SMD1 CERAMIC SURFACE
MOUNT PACKAGES
FEATURES
• HERMETIC METAL OR CERAMIC PACKAGES
• HIGH RELIABILITY
• MILITARY AND SPACE OPTIONS
• SCREENING TO CECC LEVELS
• FULLY ISOLATED (METAL VERSION)
APPLICATIONS
• POWER LINEAR AND SWITCHING
APPLICATIONS
• GENERAL PURPOSE POWER
TO220M - TO220 Metal Package - Isolated
SMD1
- Ceramic Surface Mount Package
Pin 1 – Base
Pin 2 – Collector
Pin 3 – Emitter


Similar Part No. - BDS10SMD

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDS10SMD SEME-LAB-BDS10SMD Datasheet
47Kb / 2P
SILICON NPN EPITAXIAL BASE IN TO220 METAL AND CERAMIC SURFACE MOUNT PACKAGES
BDS10SMD05 SEME-LAB-BDS10SMD05 Datasheet
47Kb / 2P
SILICON NPN EPITAXIAL BASE IN TO220 METAL AND CERAMIC SURFACE MOUNT PACKAGES
More results

Similar Description - BDS10SMD

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5337A-220M SEME-LAB-2N5337A-220M Datasheet
16Kb / 2P
SILICON NPN EPITAXIAL BASE IN TO220 METAL PACKAGE
BDS10IG SEME-LAB-BDS10IG Datasheet
14Kb / 2P
SILICON NPN EPITAXIAL BASE IN TO257 METAL PACKAGE
BDS13 SEME-LAB-BDS13 Datasheet
20Kb / 2P
SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS16 SEME-LAB-BDS16 Datasheet
21Kb / 2P
SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS18 SEME-LAB-BDS18 Datasheet
69Kb / 3P
SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS20 SEME-LAB-BDS20 Datasheet
20Kb / 2P
SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
Seme LAB
BDS10 SEME-LAB-BDS10_07 Datasheet
47Kb / 2P
SILICON NPN EPITAXIAL BASE IN TO220 METAL AND CERAMIC SURFACE MOUNT PACKAGES
BDS13 SEME-LAB-BDS13_07 Datasheet
44Kb / 2P
SILICON PNP EPITAXIAL BASE IN TO220 METAL AND CERAMIC SURFACE MOUNT PACKAGES
BDS16 SEME-LAB-BDS16_07 Datasheet
47Kb / 2P
SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD CERAMIC SURFACE MOUNT PACKAGES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com