Electronic Components Datasheet Search
  English  ▼

X  

CFM05M Datasheet(PDF) 2 Page - Make-Ps

Part # CFM05M
Description  Single Output AC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

CFM05M Datasheet(HTML) 2 Page - Make-Ps

  CFM05M Datasheet HTML 1Page - Make-Ps CFM05M Datasheet HTML 2Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
CFM05M Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 85~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current ………………….………….................... 40A max. @240Vac
Leakage Current …………………………………………….…… 100uA max.
OUTPUT SPECIFICATIONS:
Holdup Time ……………………………………………… 8mS typ. @115Vac
Short Circuit Protection …………………………Continuous(Auto Recovery)
Over Voltage Protection ……………................... TVS Component to Clamp
Temperature Coefficient ……………………............................… ±0.05%/℃
GENERAL SPECIFICATIONS:
SAFETY AND EMC:
Isolation ……………………………………..……. Input to output = 5,656VDC
Emission and Immunity ……………....… EN55011 Class B, EN60601-1-2
Operating Temperature ............................ 0
~
℃
85℃ (see derating curve)
EN61000-3-2, EN61000-3-3
Storage Temperature ……………………………...….......……........ -20~85℃
Safety ……………………………….. IEC60601-1, EN60601-1, UL60601-1
Humidity ...................................................... 93% RH max. Non condensing
NOTE:
Cooling …………………………………..……………….. Natural Convection
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Switching Frequency ………………………….................. 60KHz Typical
Ripple & Noise measuring @20MHz BW.
MTBF …..…… MIL-HDBK-217F, GB, at 25
/115VAC
℃
…… 200K hrs min.
2. Line regulation is measured from 100Vac to 240Vac with full load.
Altitude ……………………..………………...………………………….. 2000m
3. Load regulation is measured from 10% to 100% full load.
Dimensions …….…….. 2.165x1.378x0.827inches (55.00x35.00x21.00mm)
Weight ……………………………………………………... 35g (0.08 Pounds)
CFM05M
Series
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches(mm)
Millimeters:X.XX±0.5
ACN
ACL
+Vo
VR
-Vo
0%
25%
50%
75%
100%
0
10
20
30
4050
607080
90
Ambient Temperature(
oC)
20LFM(Natural Convection)
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
www.make-ps.com
E-mail:info@make-ps.com
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com