Electronic Components Datasheet Search
  English  ▼

X  

2012D48 Datasheet(PDF) 1 Page - Make-Ps

Part # 2012D48
Description  Single, Dual, Triple Output DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

2012D48 Datasheet(HTML) 1 Page - Make-Ps

  2012D48 Datasheet HTML 1Page - Make-Ps 2012D48 Datasheet HTML 2Page - Make-Ps 2012D48 Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The 2000 series is a family of compact 20 W, high
performance DC/DC converters. These converters are
specifically designed to provide the flexibility, power density,
and reliability required to fulfill local power needs in
applications ranging from telecom switch systems to
portable instrumentation. 24 models operate over 2:1 input
ranges of 9 to 18, 18 to 36 or 36 to 72 VDC; providing single,
dual or triple output combinations of 5, 6, 12, 15, ±12, ±15,
5±12 and 5±15 VDC. All models are packaged in compact,
low profile 3.0” X 2.56” X 0.75” metal cases.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
2000 series
•• 66 ssiiddeedd CCoonnttiinnuuoouuss SShhiieellddiinngg
•• SSyynncchhrroonniizzaattiioonn aanndd O
Ou
uttp
pu
utt T
Trriim
m
•• W
Wiid
de
e 22::11 IIn
np
pu
utt V
Vo
olltta
ag
ge
e R
Ra
an
ng
ge
e
•• EEffffiicciieennccyy ttoo 8866%
%
•• U
ULL 11995500 A
Ap
pp
prro
ovve
ed
d
•• CCSSA
A 2222..99--995500 A
Ap
pp
prro
ovve
ed
d
•• VVD
DE
E // E
EN
N 6600995500 A
Ap
pp
prro
ovve
ed
d
•• >>770000,,000000 H
Ho
ou
urrss M
MT
TB
BFF
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage Range
12 VDC Input Models
VDC
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Remote ON / OFF Control
Supply ON
5.5 VDC or Open Circuit
Supply OFF
0 VDC to 0.8 VDC
Logic Referenced to Negative Input
Input Filter
Pi Filter
Unit/Comments
% 1
% 1
% 1
% 1;
%; Equal Output Loads
mV; Equal Output Loads
Full Load
% 2
% 2
% 2
% 2
% 3
% 3 ; Equal Loads
% 3
% 3 ; Equal Loads
% Pk-Pk of Vout
100mV Pk-Pk
% Pk-Pk of Vout
Continuous, Automatic
Recovery
uS to within 1% error
band for 50% step
load change
% per oC
Min Typ Max
±1.0
±1.0
±6.0
±5.0
±0.5
±50
10%
±0.5
±0.4
±0.2
±1.0
±0.5
±0.5
±0.5
±5.0
±1.0
±1.0
100
±0.02
Single, Dual, Triple Output
DC/DC Converter
Min
9
18
36
Typ
12
24
48
Max
18
36
72
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
MTBF (MIL-HBK-217F)
Thousand Hours,
+25oC, Ground
Benign
Min
100
500
1000
700
Typ Max
Output Voltage Accuracy
Single & Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Output Voltage Adjustment
Voltage Balance:
Dual Outputs
Triple Outputs (Auxiliaries)
Minimum Load
Line Regulation
Single Outputs
Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Load Regulation
Single Outputs
Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Ripple/Noise
Single & Dual Output
Triple Output Models
Primary
Auxiliaries
Short Circuit Protection
Transient Recovery Time
Temperature Coefficient
Over Voltage Protection
1
= Output voltage at nominal line & FL
2
= % Output voltage measured from min. input line to maximum
3
= Output voltage measured from FL to 10% Load
See Model Selection Guide
>> 1
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 2012D48

ManufacturerPart #DatasheetDescription
logo
Make-Ps
2012D48WFR MAKE-PS-2012D48WFR Datasheet
265Kb / 6P
Single & Dual Output DC/DC Converter
More results

Similar Description - 2012D48

ManufacturerPart #DatasheetDescription
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
Single & Dual Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
Single, Dual, Triple Output DC/DC Converter
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
Single, Dual, Triple Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com