Electronic Components Datasheet Search
  English  ▼

X  

AD8283 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8283
Description  Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8283 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8283 Datasheet HTML 8Page - Analog Devices AD8283 Datasheet HTML 9Page - Analog Devices AD8283 Datasheet HTML 10Page - Analog Devices AD8283 Datasheet HTML 11Page - Analog Devices AD8283 Datasheet HTML 12Page - Analog Devices AD8283 Datasheet HTML 13Page - Analog Devices AD8283 Datasheet HTML 14Page - Analog Devices AD8283 Datasheet HTML 15Page - Analog Devices AD8283 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8283
Rev. 0 | Page 12 of 28
0
100
200
300
400
500
600
700
800
900
1000
0.1
1
10
100
FREQUENCY (MHz)
1MHz
2MHz
4MHz
8MHz
12MHz
Figure 16. Group Delay vs. Frequency
–80
–75
–70
–65
–60
–55
–50
–45
–40
012
3456
7
INPUT FREQUENCY (MHz)
SECOND –1dBFS
SECOND –10dBFS
THIRD –1dBFS
THIRD –10dBFS
Figure 17. Harmonic Distortion vs. Frequency
0
20000
40000
60000
80000
100000
120000
140000
160000
180000
200000
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
FREQUENCY (MHz)
Figure 18. RIN vs. Frequency
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (µs)
Figure 19. Overdrive Recovery
CH3 1V
CH2 500mV
M1µs 1.25GS/s
A CH2
560mV
800ps/pt
2
3
Ω
MEAN(C2) 220mV
µ: 220m
m: 220m M: 220m
σ:0
FREQ(C2) 997.8kHz
µ: 997.75504k
m: 997.8k M: 997.8k
σ:0
MEAN(C2) 7.177mV
µ: 7.1773964m
m: 7177m M: 7.177m
σ:0
LEVEL
560mV
TRIG HOLDOFF
1.5µs
SDO
ANALOG
OUTPUT
Figure 20. Gain Step Response
0
5
10
15
20
25
30
0.1
1
10
FREQUENCY (MHz)
34dB 50Ω TERMINATED
34dB UNTERMINATED
Figure 21. Noise Figure vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com