Electronic Components Datasheet Search
  English  ▼

X  

AD8220 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8220
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8220 Datasheet HTML 6Page - Analog Devices AD8220 Datasheet HTML 7Page - Analog Devices AD8220 Datasheet HTML 8Page - Analog Devices AD8220 Datasheet HTML 9Page - Analog Devices AD8220 Datasheet HTML 10Page - Analog Devices AD8220 Datasheet HTML 11Page - Analog Devices AD8220 Datasheet HTML 12Page - Analog Devices AD8220 Datasheet HTML 13Page - Analog Devices AD8220 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8426
Preliminary Technical Data
Rev. PrD | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = ±15 V, RL = 10 kΩ, unless otherwise noted.
‐1.00
‐0.50
 
 
 
 
 
 
0.50
1.00
1.50
2.00
2.50
0.00
‐
  
+0.01, +1.90
 
+1.35, +1.95
+2.17, +0.90
+2.61, +0.37
+2.61, +1.13
+0.01, +0.31
+0.01, +1.28
+1.35, ‐0.41
0.00, ‐0.45
V
= 1.35V
REF
REF
V
= 0V
Output Voltage (V)
Figure 3. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, Vs = 2.7 V, G = 1
5.00
 
 
4.00
 
 
3.00
2.00
 
 
1.00
0.00
‐1.00
-0.5
0
0.5
1.0 1.5
2.0
2.5
3.0 3.5 4.0 4.5
5.0 5.5 6
OUTPUT VOLTAGE (V)
+2.50, +4.25
+0.02, +4.25
+4.90, +3.03
+0.02, +2.95
+4.64, +2.03
+4.90, +0.82
+0.01, +0.87
+2.50, -0.40
+0.01, -0.30
V
= 2.5V
V
= 0V
REF
REF
Figure 4. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, Vs = 5 V, G = 1
 
 
 
 ‐
6.0
2.0
0
–2.0
–6.0
–6.0
–2.0
0
2.0
6.0
OUTPUT VOLTAGE (V)
4.0
–4.0
–4.0
4.0
0.0, +4.25
–4.93, –2.83
–4.93, +1.77
+4.87, +1.79
+4.90, –2.84
0.0, –5.30
Figure 5. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, Vs = ±5 V, G = 1
20.0
15.0
0
–15.0
–20.0
–20.0 –15.0
0
15.0
20.0
OUTPUT VOLTAGE (V)
10.0
5.0
–5.0
–10.0
–10.0
–5.0
10.0
5.0
0.0, –15.3
0.0, –12.3
+11.8, –6.5
+14.8, –7.9
+14.8, +6.8
+11.9, +5.3
0.0, +14.2
0.0, +11.2
–11.9, +5.2
–14.9, +6.7
–14.9, –7.6
–11.9, –6.0
V = ±12V
S
V = ±15V
S
Figure 6. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, Vs = ±15 V, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com