Electronic Components Datasheet Search
  English  ▼

X  

ADIS16210 Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16210
Description  Precision Triaxial Inclinometer and Accelerometer with SPI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16210 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16210 Datasheet HTML 9Page - Analog Devices ADIS16210 Datasheet HTML 10Page - Analog Devices ADIS16210 Datasheet HTML 11Page - Analog Devices ADIS16210 Datasheet HTML 12Page - Analog Devices ADIS16210 Datasheet HTML 13Page - Analog Devices ADIS16210 Datasheet HTML 14Page - Analog Devices ADIS16210 Datasheet HTML 15Page - Analog Devices ADIS16210 Datasheet HTML 16Page - Analog Devices ADIS16210 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADIS16210
Rev. A | Page 13 of 20
The pitch (θ) and roll (φ) axes provide ±180° of measurement
range, whereas the gravity (ψ) axis provides ±90° of measurement
range. The MSC_CTRL register (see Table 27) provides three
control bits that set the orientation of the device, which assigns
each accelerometer to an angle axis (pitch, roll, gravity).
Table 27. MSC_CTRL (Base Address = 0x34), Read/Write
Bits
Value
Description (Default = 0x0002)
[15:10]
Not used
[9:8]
Measurement mode
0
Inclinometer
1
Accelerometer
[7:3]
Not used
[2]
Gravity vector polarity, KGP
1
Negative, pointing down (−)
0
Positive, pointing up (+)
[1:0]
Gravity vector orientation
00
X = gravity vector
Y = pitch axis (θ, aP)
Z = roll axis (φ, aR)
01
Y = gravity vector
X = pitch axis (θ, aP)
Z = roll axis (φ, aR)
10
Z = gravity vector
X = pitch axis (θ, aP)
Y = roll axis (φ, aR)
11
Reserved
For best use of the available range and accuracy, use Bits[2:0] in
the MSC_CTRL register to establish the accelerometer that best
aligns with gravity when the device is oriented at its reference
point. For example, Figure 11 provides a reference point orien-
tation, where the z-axis accelerometer aligns with gravity, for
which the factory default setting for MSC_CTRL (0x0002) is
optimal.
Bits[1:0] provide a control for setting the axis that is most closely
aligned with the gravity vector and assigns the pitch and roll axes.
Bit 2 provides a control for the direction/polarity of this. Thus,
when using the factory default setting for MSC_CTRL, read
XINCL_OUT for the pitch angle and YINCL_OUT for the roll
angle measurements. Figure 18, Figure 19, and Figure 20 provide
several examples for these settings, which are different from the
factory programmed settings.
aZ
Figure 18. Z-Axis Gravity Vector, Negative Polarity
Set MSC_CTRL = 0x0006 (DIN = 0xB406)
aX
Figure 19. X-Axis Gravity Vector, Positive Polarity
Set MSC_CTRL = 0x0000 (DIN = 0xB400)
aY
Figure 20. Y-Axis Gravity Vector, Negative Polarity
Set MSC_CTRL = 0x0005 (DIN = 0xB405)
Measurement Mode
MSC_CTRL[8] establishes the primary measurement function.
Setting MSC_CTRL[8] = 1 (DIN = 0xB501) disables signal pro-
cessing on the accelerometer data, which is specific to producing
incline angle measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com