Electronic Components Datasheet Search
  English  ▼

X  

INDY3050 Datasheet(PDF) 1 Page - G24 Innovations

Part # INDY3050
Description  Dye Sensitised Indoor Photovoltaic Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G24I [G24 Innovations]
Direct Link  http://www.g24i.com
Logo G24I - G24 Innovations

INDY3050 Datasheet(HTML) 1 Page - G24 Innovations

  INDY3050 Datasheet HTML 1Page - G24 Innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G24  Innovations  Ltd,  Wentloog  Environmental  Centre,  Cardiff,  UK,  CF3  2GH  Tel:+44  (0)  2920  837  340
www.g24i.com  
For  all  prototype  samples  e-­mail:  sales@g24i.com
Dye  Sensitised  Indoor  Photovoltaic  Module
Parameter
Symbol
Condition
Typical
Minimum
Maximum
Units
Open  circuit  voltage
Voc
200  lux
1.67
1.63
1.71
V
1000  lux
1.87
1.86
1.88
Short  circuit  current
Isc
200  lux
56
53
60
µA
1000  lux
256
247
264
Operating  voltage
Vop
200  lux
1.34
1.31
1.38
V
1000lux
1.51
1.51
1.52
Operating  current
Iop
200  lux
49
48
51
µA
1000  lux
229
223
235
Thickness
d
-­
0.35
-­
-­
mm
Mass
M
0.06
gcm-­2
F36W-­827  Fluorescent  tubes
This  evaluation  module  is  intended  for  development,  
demonstration  or  evaluation  purposes  only.  G24i  does  
general  use.  Persons  handling  the  module  must  have  
electronics  training  and  observe  good  engineering  
practice  standards.  G24i  reserves  the  right  to  change  
G24i’s  dye  sensitised  indoor  photovoltaic  modules  
have  been  optimised  to  work  under  indoor  lighting  
providing  the  highest  power  density.
N.B.
All  dimensional  measurements  shown  are  
approximate.
subject  to  variation.
Physical  Characteristics  maybe  
subject  to  change.
Longitudinal  bend  diameter  spec  (d
long
)  
Lateral  bend  limit  spec  (L
lat
)  
All  samples  supplied  are  prototype  subject  
48.5mm
50mm
ve
ve
+
_
B
L
E
N.B.Image  not  to  scale
d
long  =100mm
L
lat  =  +/-­0.9mm
+0.9mm
-­0.9mm
Indy3050
data  sheet
Power  connections  are  suitable
for  crimp  connection  or  soldered  
connection  with  the  appropriate  
use  of  heat-­shunt  tweezers  to  
ensure  minimal  heating  of  the  
polymer  material.
G0086;;  Iss02


Similar Part No. - INDY3050

ManufacturerPart #DatasheetDescription
logo
G24 Innovations
INDY3100 G24I-INDY3100 Datasheet
1,014Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY3200 G24I-INDY3200 Datasheet
984Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
More results

Similar Description - INDY3050

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KS20 KSS-KS20 Datasheet
151Kb / 1P
MULTICRYSTAL PHOTOVOLTAIC MODULE
KS12 KSS-KS12 Datasheet
151Kb / 1P
MULTICRYSTAL PHOTOVOLTAIC MODULE
logo
G24 Innovations
INDY2050 G24I-INDY2050 Datasheet
992Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY2100 G24I-INDY2100 Datasheet
1Mb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY2200 G24I-INDY2200 Datasheet
1,005Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY3100 G24I-INDY3100 Datasheet
1,014Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY3200 G24I-INDY3200 Datasheet
984Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY4050 G24I-INDY4050 Datasheet
1,000Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY4100 G24I-INDY4100 Datasheet
1Mb / 1P
Dye Sensitised Indoor Photovoltaic Module
logo
List of Unclassifed Man...
PX72-260 ETC2-PX72-260 Datasheet
563Kb / 2P
PHOTOVOLTAIC MODULE PX72
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com