Electronic Components Datasheet Search
  English  ▼

X  

ADM2687EBRIZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADM2687EBRIZ
Description  5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2687EBRIZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM2687EBRIZ Datasheet HTML 11Page - Analog Devices ADM2687EBRIZ Datasheet HTML 12Page - Analog Devices ADM2687EBRIZ Datasheet HTML 13Page - Analog Devices ADM2687EBRIZ Datasheet HTML 14Page - Analog Devices ADM2687EBRIZ Datasheet HTML 15Page - Analog Devices ADM2687EBRIZ Datasheet HTML 16Page - Analog Devices ADM2687EBRIZ Datasheet HTML 17Page - Analog Devices ADM2687EBRIZ Datasheet HTML 18Page - Analog Devices ADM2687EBRIZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Preliminary Technical Data
ADM2682E/ADM2687E
Rev. PrE | Page 15 of 20
CIRCUIT DESCRIPTION
SIGNAL ISOLATION
The ADM2682E/ADM2687E signal isolation of 5 kV rms is
implemented on the logic side of the interface. The part achieves
signal isolation by having a digital isolation section and a
transceiver section (see Figure 1). Data applied to the TxD and
DE pins and referenced to logic ground (GND1) are coupled
across an isolation barrier to appear at the transceiver section
referenced to isolated ground (GND2). Similarly, the single-ended
receiver output signal, referenced to isolated ground in the
transceiver section, is coupled across the isolation barrier to
appear at the RXD pin referenced to logic ground.
POWER ISOLATION
The ADM2682E/ADM2687E power isolation of 5 kV rms is
implemented using an isoPower integrated isolated dc-to-dc
converter. The dc-to-dc converter section of the
ADM2682E/ADM2687E works on principles that are common
to most modern power supplies. It is a secondary side controller
architecture with isolated pulse-width modulation (PWM)
feedback. VCCpower is supplied to an oscillating circuit that
switches current into a chip-scale air core transformer. Power
transferred to the secondary side is rectified and regulated to
3.3 V. The secondary (VISO) side controller regulates the output
by creating a PWM control signal that is sent to the primary
(VCC) side by a dedicated iCoupler (5 kV rms signal isolated)
data channel. The PWM modulates the oscillator circuit to
control the power being sent to the secondary side. Feedback
allows for significantly higher power and efficiency.
TRUTH TABLES
The truth tables in this section use the abbreviations found in
Table 11.
Table 11. Truth Table Abbreviations
Letter
Description
H
High level
L
Low level
X
Don’t care
I
Indeterminate
Z
High impedance (off)
NC
Disconnected
Table 12. Transmitting (see Table 11 for Abbreviations)
Inputs
Outputs
DE
TxD
Y
Z
H
H
H
L
H
L
L
H
L
X
Z
Z
X
X
Z
Z
Table 13. Receiving (see Table 11 for Abbreviations)
Inputs
Output
A − B
RE
����
RxD
≥ −0.03 V
L or NC
H
≤ −0.2 V
L or NC
L
−0.2 V < A − B < −0.03 V
L or NC
I
Inputs open
L or NC
H
X
H
Z
THERMAL SHUTDOWN
The ADM2682E/ADM2687E contain thermal shutdown circuitry
that protects the parts from excessive power dissipation during
fault conditions. Shorting the driver outputs to a low impedance
source can result in high driver currents. The thermal sensing
circuitry detects the increase in die temperature under this
condition and disables the driver outputs. This circuitry is
designed to disable the driver outputs when a die temperature
of 150°C is reached. As the device cools, the drivers are reenabled
at a temperature of 140°C.
OPEN- AND SHORT-CIRCUIT, FAIL-SAFE RECEIVER
INPUTS
The receiver inputs have open- and short-circuit, fail-safe
features that ensure that the receiver output is high when the
inputs are open or shorted. During line-idle conditions, when no
driver on the bus is enabled, the voltage across a terminating
resistance at the receiver input decays to 0 V. With traditional
transceivers, receiver input thresholds specified between -200 mV
and +200 mV mean that external bias resistors are required on the
A and B pins to ensure that the receiver outputs are in a known
state. The short-circuit, fail-safe receiver input feature eliminates
the need for bias resistors by specifying the receiver input
threshold between -30 mV and -200 mV. The guaranteed negative
threshold means that when the voltage between A and B decays
to 0 V, the receiver output is guaranteed to be high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com