Electronic Components Datasheet Search
  English  ▼

X  

ADP194 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP194
Description  Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP194 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP194 Datasheet HTML 4Page - Analog Devices ADP194 Datasheet HTML 5Page - Analog Devices ADP194 Datasheet HTML 6Page - Analog Devices ADP194 Datasheet HTML 7Page - Analog Devices ADP194 Datasheet HTML 8Page - Analog Devices ADP194 Datasheet HTML 9Page - Analog Devices ADP194 Datasheet HTML 10Page - Analog Devices ADP194 Datasheet HTML 11Page - Analog Devices ADP194 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADP194
Rev. 0 | Page 8 of 12
THEORY OF OPERATION
The ADP194 is a high-side PMOS load switch. It is designed to
operate from a supply range from 1.1 V to 3.6 V. The PMOS load
switch is designed for low on resistance, 80 mΩ at VIN = 1.8 V,
and supports 500 mA of continuous output current. The ADP194
is a low ground current device with a nominal 4 MΩ pull-down
resistor on its enable pin.
The reverse current protection circuitry prevents current flow
backwards through the ADP194 when the output voltage is
greater than the input voltage. A comparator senses the differ-
ence between the input and output voltages. When the difference
between the input voltage and output voltage exceeds 50 mV,
the body of the PFET is switched to VOUT and turned off or
opened. In other words, the gate is connected to VOUT.
The package is a space-saving 0.8 mm × 0.8 mm, 4-ball WLCSP.
GND
EN
VIN
VOUT
ADP194
LEVEL SHIFT
AND SLEW
RATE CONTROL
REVERSE
POLARITY
PROTECTION
Figure 15. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com