Electronic Components Datasheet Search
  English  ▼

X  

BFY84 Datasheet(PDF) 2 Page - Seme LAB

Part # BFY84
Description  SILICON PLANAR EPITAXIAL NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFY84 Datasheet(HTML) 2 Page - Seme LAB

  BFY84 Datasheet HTML 1Page - Seme LAB BFY84 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
nA
mA
V
V
V
V
V
mV
mV/°C
—
MHz
pF
pF
dB
Rthj-case
Rthj-amb
One side
292
583
Both Sides
178
460
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
°C/W
°C/W
10
1
30
12
3
0.4
1
15
25
20
1.25
600
2
1.7
6
BFY84
Prelim. 5/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ICBO
V(BR)CBO
VCEO(sus)*
V(BR)EBO
VCE(sat)
VBE(sat)
lVBE1-VBE2l
lVBE1-VBE2l
Î
T
hFE
hFE1/hFE2
fT
CEBO
CCBO
NF
Collector Cut Off Current
Collector Base Breakdown Voltage
Collector Emitter Sustaining Voltage
Emitter Base Breakdown Voltage
Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
Input Offset Voltage
Input Offset Voltage Temperature
Coefficient
DC Current Gain
Matched Pair Ratio
Transistion Frequency
Emitter Base Capacitance
Collector Base Capacitance
Noise Figure
VCB = 15V
IE = 0
VCB = 15V
Tamb =150°C
IC = 1mAIE = 0
IC = 3mA
IB = 0
IC = 0
IE = 10mA
IC = 10mA
IB = 1mA
IC = 10mA
IB = 1mA
IC = 3mA
VCE = 1V
IC = 3mA
VCE = 1V
IC = 3mA
VCE = 1V
IC = 3mA
VCE = 1V
IC = 4mA
VCE = 10v
f = 100MHz
IC = 0
VEB = 0.5V
f = 1MHz
IE = 0
VCB = -10V
f = 1MHz
IC =1mA
VCE = 6V
f = 60MHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
* Pulse test tp = 300ms , Duty Cycle = 1%
THERMAL DATA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com