Electronic Components Datasheet Search
  English  ▼

X  

BSV64 Datasheet(PDF) 1 Page - Seme LAB

Part # BSV64
Description  SILICON NPN PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BSV64 Datasheet(HTML) 1 Page - Seme LAB

  BSV64 Datasheet HTML 1Page - Seme LAB BSV64 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Prelim.12/99
BSV64
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
SILICON NPN
PLANAR TRANSISTOR
VCBO
Collector – Base Voltage (open emitter)
VCER
Collector – Emitter Voltage (RBE £ 50W)
VCEO
Collector – Emitter Voltage (open base)
VEBO
Emitter – Base Voltage (open collector)
IC
Collector Current (d.c.)
ICM
Collector Current (peak value)
IB
Base Current (d.c.)
PTOT
Total Device Dissipation @ TC = 50°C
Tstg,
Storage Temperature
Tj
Junction Temperature
Rthj-c
Thermal Resistance Junction to Case
100V
80V
60V
5V
2A
5A
1A
5W
–55 to 175°C
175°C / W
25°C / W
MECHANICAL DATA
Dimensions in mm (inches)
TO39 PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Pin 1 = Emitter
Underside View
Pin 2 = Base
Pin 3 = Collector
0.89
(0.035)
max.
0.66 (0.026)
1.14 (0.045)
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
5.08 (0.200)
typ.
45˚
12.70
(0.500)
min.
4.19 (0.165)
4.95 (0.195)
8.89 (0.35)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
7.75 (0.305)
8.51 (0.335)
dia.
1
2
3
DESCRIPTION
General Purpose NPN Transistor in a
Hermetic TO39 Package
FEATURES
• VCBO = 100V
• VCEO = 60V
• IC = 2A


Similar Part No. - BSV64

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BSV64 CENTRAL-BSV64 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BSV64 SEME-LAB-BSV64 Datasheet
41Kb / 2P
SILICON NPN PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BSV64 NJSEMI-BSV64 Datasheet
120Kb / 2P
SILICON NPN PLANAR TRANSISTOR
logo
Seme LAB
BSV64 SEME-LAB-BSV64_02 Datasheet
41Kb / 2P
SILICON NPN PLANAR TRANSISTOR
More results

Similar Description - BSV64

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com