Electronic Components Datasheet Search
  English  ▼

X  

TLE7238SL Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7238SL
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7238SL Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7238SL Datasheet HTML 1Page - Infineon Technologies AG TLE7238SL Datasheet HTML 2Page - Infineon Technologies AG TLE7238SL Datasheet HTML 3Page - Infineon Technologies AG TLE7238SL Datasheet HTML 4Page - Infineon Technologies AG TLE7238SL Datasheet HTML 5Page - Infineon Technologies AG TLE7238SL Datasheet HTML 6Page - Infineon Technologies AG TLE7238SL Datasheet HTML 7Page - Infineon Technologies AG TLE7238SL Datasheet HTML 8Page - Infineon Technologies AG TLE7238SL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Data Sheet
4
Rev. 1.0, 2010-02-18
SPI Driver for Enhanced Relay Control
TLE7238SL
Overview
Protective Functions
•
Over load and short circuit protection
•
Thermal shutdown
•
Electrostatic discharge protection (ESD)
Diagnostic Functions
•
Latched diagnostic information via SPI
•
Open load detection in OFF-state
•
Over load detection in ON-state
•
Over temperature
Limp Home / Fail-Safe Functions
•
Limp home activation via pin LHI
•
Limp home configuration via input pins
Applications
•
Especially designed for driving relays and LEDs in automotive applications
•
All types of resistive and inductive loads
•
Suitable to switch 5 V power supply lines by auto configuring channels
Table 1
Product Summary
Operating range power supply voltage
Vbb
5.5 … 28 V
Digital supply voltage
V
DD
3.0 … 5.5 V
Typical On-State resistance at 25
°C
R
DS(ON)
high-side: 2 channels (Relay)
0.9
Ω
high-side: 2 channels (Generic, LED)
1.6
Ω
auto configuring: 2 channels (Relay, Supplies)
0.9
Ω
low-side: 2 channels (Relay)
0.9
Ω
Nominal load current (all channels active)
I
L(nom, min)
Relay
260 mA
LED, Generic
130 mA
Over load switch off threshold
I
DS(OVL, min)
500 mA
Output leakage current per channel at 25
°C
I
DS(OFF, max)
1
µA
Drain to source clamping voltage
V
DS(CL, min)
41 V
Source to ground clamping voltage
V
bb(CL, max)
-40 V
SPI clock frequency
f
SCLK(max)
5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com