Electronic Components Datasheet Search
  English  ▼

X  

R-8 Datasheet(PDF) 1 Page - Analog Devices

Part # R-8
Description  8-Lead Standard Small Outline Package [SOIC_N] Narrow Body Dimensions
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

R-8 Datasheet(HTML) 1 Page - Analog Devices

  R-8 Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
a
8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
5.00 (0.1968)
1.75 (0.0688)
4
1
8
5
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
BSC
1.27 (0.0500)
6.20 (0.2440)
5.80 (0.2284)
0.50 (0.0196) × 45°
0.25 (0.0099)
1.35 (0.0532)
0.25 (0.0098)
8°
0.10 (0.0040)
0°
0.51 (0.0201)
COPLANARITY
1.27 (0.0500)
0.10
SEATING
0.31 (0.0122)
0.25 (0.0098) 0.40 (0.0157)
PLANE
0.17 (0.0067)
COMPLIANT TO JEDEC STANDARDS MS-012-AA
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.


Similar Part No. - R-8

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R-801BXZ-4 OKAYA-R-801BXZ-4 Datasheet
414Kb / 2P
SURGE PROTECTOR
R-801BXZ-5 OKAYA-R-801BXZ-5 Datasheet
414Kb / 2P
SURGE PROTECTOR
logo
TE Connectivity Ltd
R-8203 TEC-R-8203 Datasheet
149Kb / 3P
MEAS STATOR RTD
R-8204 TEC-R-8204 Datasheet
149Kb / 3P
MEAS STATOR RTD
R-8205 TEC-R-8205 Datasheet
149Kb / 3P
MEAS STATOR RTD
More results

Similar Description - R-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
24-LEAD SHRINK SMALL OUTLINE PACKAGE
Nov-2002
logo
Elantec Semiconductor
MDP0040 ELANTEC-MDP0040 Datasheet
149Kb / 1P
PACKAGE OUTLINE DRAWING QSOP - 0.150 NARROW BODY PACKAGE
logo
Integrated Circuit Syst...
MK2761A ICST-MK2761A Datasheet
142Kb / 6P
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Revision 070705
logo
STMicroelectronics
MINISO-8 STMICROELECTRONICS-MINISO-8 Datasheet
55Kb / 5P
8-LEAD MINI SMALL OUTLINE
Mar-2003
SO-8 STMICROELECTRONICS-SO-8 Datasheet
56Kb / 5P
8-LEAD SMALL OUTLINE PACKAGE
Feb-2005
logo
Analog Devices
RQ-16 AD-RQ-16 Datasheet
60Kb / 1P
16-Lead Shrink Small Outline Package [QSOP] Dimensions shown in inches
RM-8 AD-RM-8 Datasheet
127Kb / 1P
8-Lead Mini Small Outline Package [MSOP] Dimensions shown in millimeters
logo
List of Unclassifed Man...
HT-210USD ETC2-HT-210USD Datasheet
732Kb / 2P
Package Outline Dimensions
logo
Surge Components
SES3V3D923-2U SURGE-SES3V3D923-2U Datasheet
504Kb / 5P
Small Body Outline Dimensions
logo
Shanghai Leiditech Elec...
LCDA9D5C LEIDITECH-LCDA9D5C Datasheet
388Kb / 3P
Small Body Outline Dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com