Electronic Components Datasheet Search
  English  ▼

X  

SSM2377 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2377
Description  Filterless, High Efficiency, Mono 2.5 W Class-D Audio Amplifier Pop-and-click suppression
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2377 Datasheet(HTML) 1 Page - Analog Devices

  SSM2377 Datasheet HTML 1Page - Analog Devices SSM2377 Datasheet HTML 2Page - Analog Devices SSM2377 Datasheet HTML 3Page - Analog Devices SSM2377 Datasheet HTML 4Page - Analog Devices SSM2377 Datasheet HTML 5Page - Analog Devices SSM2377 Datasheet HTML 6Page - Analog Devices SSM2377 Datasheet HTML 7Page - Analog Devices SSM2377 Datasheet HTML 8Page - Analog Devices SSM2377 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Filterless, High Efficiency,
Mono 2.5 W Class-D Audio Amplifier
SSM2377
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Filterless, Class-D amplifier with spread-spectrum
Σ-Δ modulation
2.5 W into 4 Ω load and 1.4 W into 8 Ω load at 5.0 V supply
with <1% total harmonic distortion plus noise (THD + N)
92% efficiency at 5.0 V, 1.4 W into 8 Ω speaker
>100 dB signal-to-noise ratio (SNR)
High PSRR at 217 Hz: 80 dB
Ultralow EMI emissions
Single-supply operation from 2.5 V to 5.5 V
Gain select function: 6 dB or 12 dB
Fixed input impedance of 80 kΩ
100 nA shutdown current
Short-circuit and thermal protection with autorecovery
Available in a 9-ball, 1.2 mm × 1.2 mm WLCSP
Pop-and-click suppression
APPLICATIONS
Mobile phones
MP3 players
Portable electronics
GENERAL DESCRIPTION
The SSM2377 is a fully integrated, high efficiency, Class-D audio
amplifier. It is designed to maximize performance for mobile
phone applications. The application circuit requires a minimum
of external components and operates from a single 2.5 V to 5.5 V
supply. It is capable of delivering 2.5 W of continuous output power
with <1% THD + N driving a 4 Ω load from a 5.0 V supply.
The SSM2377 features a high efficiency, low noise modulation
scheme that requires no external LC output filters. The modu-
lation operates with high efficiency even at low output power.
The SSM2377 operates with 92% efficiency at 1.4 W into 8 Ω
from a 5.0 V supply and has an SNR of >100 dB.
Spread-spectrum pulse density modulation (PDM) is used to
provide lower EMI-radiated emissions compared with other
Class-D architectures. The inherent randomized nature of
spread-spectrum PDM eliminates the clock intermodulation
(beating effect) of several amplifiers in close proximity.
The SSM2377 produces ultralow EMI emissions that signifi-
cantly reduce the radiated emissions at the Class-D outputs,
particularly above 100 MHz. The SSM2377 passes FCC Class B
radiated emission testing with 50 cm, unshielded speaker cable
without any external filtering. The ultralow EMI emissions of the
SSM2377 are also helpful for antenna and RF sensitivity problems.
The device is configured for either a 6 dB or a 12 dB gain setting
by connecting the GAIN pin to the VDD pin or the GND pin,
respectively. Input impedance is a fixed value of 80 kΩ, indepen-
dent of the gain select operation.
The SSM2377 has a micropower shutdown mode with a typical
shutdown current of 100 nA. Shutdown is enabled by applying
a logic low to the SD pin.
The device also includes pop-and-click suppression circuitry,
which minimizes voltage glitches at the output during turn-on
and turn-off, reducing audible noise on activation and deactivation.
Built-in input low-pass filtering is also included to suppress out-
of-band noise interference to the PDM modulator.
The SSM2377 is specified over the industrial temperature range
of −40°C to +85°C. It has built-in thermal shutdown and output
short-circuit protection. It is available in a halide-free, 9-ball, 0.4 mm
pitch, 1.2 mm × 1.2 mm wafer level chip scale package (WLCSP).
FUNCTIONAL BLOCK DIAGRAM
FET
DRIVER
MODULATOR
(Σ-Δ)
0.1µF
VDD
OUT+
OUT–
BIAS
IN+
80kΩ
80kΩ
POWER SUPPLY
2.5V TO 5.5V
IN–
INTERNAL
OSCILLATOR
POP/CLICK
AND EMI
SUPPRESSION
GND
10µF
22nF
22nF
SHUTDOWN
SD
GAIN SELECT
AUDIO IN+
AUDIO IN–
SSM2377
GAIN
GAIN = 6dB OR 12dB
Figure 1.


Similar Part No. - SSM2377

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2375CBZ AD-SSM2375CBZ Datasheet
39Kb / 1P
Dimensions shown in millimeters
More results

Similar Description - SSM2377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
1/08-Revision 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com